Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1113IDGSR Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1113IDGSR
Description  Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1113IDGSR Datasheet(HTML) 26 Page - Texas Instruments

Back Button ADS1113IDGSR Datasheet HTML 22Page - Texas Instruments ADS1113IDGSR Datasheet HTML 23Page - Texas Instruments ADS1113IDGSR Datasheet HTML 24Page - Texas Instruments ADS1113IDGSR Datasheet HTML 25Page - Texas Instruments ADS1113IDGSR Datasheet HTML 26Page - Texas Instruments ADS1113IDGSR Datasheet HTML 27Page - Texas Instruments ADS1113IDGSR Datasheet HTML 28Page - Texas Instruments ADS1113IDGSR Datasheet HTML 29Page - Texas Instruments ADS1113IDGSR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
0.1 F(typ)
m
VDD
5
10
1
2
3
4
ADDR
ALERT/RDY
GND
AIN0
AIN1
SCL
9
8
7
6
SDA
VDD
AIN3
AIN2
ADS1115
InputsSelected
fromConfiguration
Register
OutputCodes
0 32767
-
ADS1113
ADS1114
ADS1115
SBAS444B – MAY 2009 – REVISED OCTOBER 2009
www.ti.com
SINGLE-ENDED INPUTS
The ADS1115 input range is bipolar differential with
respect to the reference. The single-ended circuit
Although the ADS1115 has two differential inputs, the
shown in Figure 37 covers only half the ADS1115
device can easily measure four single-ended signals.
input scale because it does not produce differentially
Figure 37 shows a single-ended connection scheme.
negative inputs; therefore, one bit of resolution is lost.
The
ADS1115
is
configured
for
single-ended
measurement by configuring the MUX to measure
each channel with respect to ground. Data are then
read out of one input based on the selection on the
configuration register. The single-ended signal can
range from 0V to supply. The ADS1115 loses no
linearity anywhere within the input range. Negative
voltages cannot be applied to this circuit because the
ADS1115 can only accept positive voltages.
NOTE: Digital and address pin connections omitted for clarity.
Figure 37. Measuring Single-Ended Inputs
26
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ADS1113 ADS1114 ADS1115


Similar Part No. - ADS1113IDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1113IDGSR TI-ADS1113IDGSR Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
More results

Similar Description - ADS1113IDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1113 TI1-ADS1113_14 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113 Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1115-Q1 TI1-ADS1115-Q1 Datasheet
744Kb / 32P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IRUGT TI1-ADS1015IRUGT Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IDGSR TI1-ADS1015IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015-Q1 TI1-ADS1015-Q1 Datasheet
582Kb / 31P
[Old version datasheet]   ULTRA-SMALL LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
ADS1013 TI1-ADS1013_14 Datasheet
1Mb / 35P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1118 TI1-ADS1118 Datasheet
670Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI1-ADS1118_14 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com