Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1114 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1114
Description  Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1114 Datasheet(HTML) 1 Page - Texas Instruments

  ADS1114 Datasheet HTML 1Page - Texas Instruments ADS1114 Datasheet HTML 2Page - Texas Instruments ADS1114 Datasheet HTML 3Page - Texas Instruments ADS1114 Datasheet HTML 4Page - Texas Instruments ADS1114 Datasheet HTML 5Page - Texas Instruments ADS1114 Datasheet HTML 6Page - Texas Instruments ADS1114 Datasheet HTML 7Page - Texas Instruments ADS1114 Datasheet HTML 8Page - Texas Instruments ADS1114 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
ADS1115
ADS1115
16-Bit
ADC
DS
I C
Interface
2
Voltage
Reference
Oscillator
SCL
SDA
ADDR
ADS1113
AIN1
AIN0
16-Bit
ADC
DS
I C
Interface
2
Voltage
Reference
Oscillator
ALERT/RDY
SCL
SDA
ADDR
PGA
Comparator
ADS1115
ADS1114
MUX
AIN1
AIN2
AIN0
AIN3
ADS1115
Only
VDD
GND
VDD
GND
ADS1113
ADS1114
ADS1115
www.ti.com
SBAS444B – MAY 2009 – REVISED OCTOBER 2009
Ultra-Small, Low-Power, 16-Bit
Analog-to-Digital Converter with Internal Reference
Check for Samples: ADS1113 ADS1114 ADS1115
1
FEATURES
DESCRIPTION
23
ULTRA-SMALL QFN PACKAGE:
The
ADS1113,
ADS1114,
and
ADS1115
are
2mm × 1,5mm × 0,4mm
precision analog-to-digital converters (ADCs) with 16
bits of resolution offered in an ultra-small, leadless
WIDE SUPPLY RANGE: 2.0V to 5.5V
QFN-10 package or an MSOP-10 package. The
LOW CURRENT CONSUMPTION:
ADS1113/4/5 are designed with precision, power, and
Continuous Mode: Only 150
μA
ease of implementation in mind. The ADS1113/4/5
Single-Shot Mode: Auto Shut-Down
feature an onboard reference and oscillator. Data are
PROGRAMMABLE DATA RATE:
transferred via an I2C-compatible serial interface; four
I2C
slave
addresses
can
be
selected.
The
8SPS to 860SPS
ADS1113/4/5 operate from a single power supply
INTERNAL LOW-DRIFT
ranging from 2.0V to 5.5V.
VOLTAGE REFERENCE
The ADS1113/4/5 can perform conversions at rates
INTERNAL OSCILLATOR
up to 860 samples per second (SPS). An onboard
INTERNAL PGA
PGA is available on the ADS1114 and ADS1115 that
I2C™ INTERFACE: Pin-Selectable Addresses
offers input ranges from the supply to as low as
±256mV, allowing both large and small signals to be
FOUR SINGLE-ENDED OR TWO
measured with high resolution. The ADS1115 also
DIFFERENTIAL INPUTS (ADS1115)
features an input multiplexer (MUX) that provides two
PROGRAMMABLE COMPARATOR
differential or four single-ended inputs.
(ADS1114 and ADS1115)
The
ADS1113/4/5
operate
either
in
continuous
conversion
mode
or
a
single-shot
mode
that
APPLICATIONS
automatically powers down after a conversion and
PORTABLE INSTRUMENTATION
greatly reduces current consumption during idle
CONSUMER GOODS
periods. The ADS1113/4/5 are specified from –40°C
BATTERY MONITORING
to +125°C.
TEMPERATURE MEASUREMENT
FACTORY AUTOMATION AND PROCESS
CONTROLS
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
I2C is a trademark of NXP Semiconductors.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS1114

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1114 TI-ADS1114 Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1114 TI1-ADS1114 Datasheet
670Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1114 TI1-ADS1114 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit
ADS1114 TI-ADS1114 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1114 TI1-ADS1114 Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
More results

Similar Description - ADS1114

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1113 TI1-ADS1113_14 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113 Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1115-Q1 TI1-ADS1115-Q1 Datasheet
744Kb / 32P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IRUGT TI1-ADS1015IRUGT Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IDGSR TI1-ADS1015IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015-Q1 TI1-ADS1015-Q1 Datasheet
582Kb / 31P
[Old version datasheet]   ULTRA-SMALL LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
ADS1013 TI1-ADS1013_14 Datasheet
1Mb / 35P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1118 TI1-ADS1118 Datasheet
670Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI1-ADS1118_14 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com