Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZTX600 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part No. ZTX600
Description  NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZTX600 Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZTX600 Datasheet HTML 1Page - Zetex Semiconductors ZTX600 Datasheet HTML 2Page - Zetex Semiconductors ZTX600 Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TYPICAL CHARACTERISTICS
VCE(sat) v IC
IC - Collector Current (Amps)
VCE - Collector Voltage (Volts)
Safe Operating Area
1
1000
10
100
0.01
0.1
1
10
Single Pulse Test at Tamb=25°C
0
0.60
0.01
0.1
10
1
0.70
0.80
0.90
1.00
IC - Collector Current (Amps)
VBE(sat) v IC
1.0
0.01
10
0.1
1
1.2
1.4
1.6
1.8
IC/IB=100
IC/IB=100
IC - Collector Current (Amps)
hFE v IC
0.001
0.01
10
0.1
1
4k
8k
12k
16k
20k
VCE=10V
Group A
Group B
IC - Collector Current (Amps)
VBE(on) v IC
1.2
1.3
1.4
1.5
0.01
0.1
110
1.1
VCE=5V
D.C.
1s
100ms
10ms
1.0ms
0.1ms
0.001
ZTX600
ZTX601
3-208


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn