Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZTX576 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part No. ZTX576
Description  PNP SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETEX [Zetex Semiconductors]
Homepage  http://www.diodes.com/
Logo 

ZTX576 Datasheet(HTML) 2 Page - Zetex Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PNP SILICON PLANAR MEDIUM POWER
HIGH VOLTAGE TRANSISTOR
ISSUE 1 – APRIL 94
FEATURES
* 200 Volt VCEO
* 1 Amp continuous current
*Ptot= 1 Watt
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-200
V
Collector-Emitter Voltage
VCEO
-200
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-2
A
Continuous Collector Current
IC
-1
A
Power Dissipation at Tamb=25°C
Ptot
1W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +200
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO -200
V
IC=-100µA
Collector-Emitter
Breakdown Voltage
V(BR)CEO -200
V
IC=-10mA*
Emitter-Base
Breakdown Voltage
V(BR)EBO -5
V
IE=-100µA
Collector Cut-Off
Current
ICBO
-0.1
µ
A
VCB=-160V
Emitter Cut-Off Current IEBO
-0.1
µ
A
VEB=-4V
Collector-Emitter
Saturation Voltage
VCE(sat)
-0.3
V
IC=-100mA, IB=-10mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-1
V
IC=-100mA, IB=-10mA*
Base-Emitter
Turn-on Voltage
VBE(on)
-1
V
IC=-100mA, VCE=-10V*
Static Forward Current
Transfer Ratio
hFE
50
50
300
IC=-10mA, VCE=-10V*
IC=-300mA, VCE=-10V*
Transition
Frequency
fT
100
MHz
IC=-50mA, VCE=-10V
f=100MHz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
E-Line
TO92 Compatible
ZTX576
3-204
C
B
E
TYPICAL CHARACTERISTICS
VCE(sat) v IC
IC - Collector Current (Amps)
Typical Switching Speeds
IC - Collector Current (Amps)
IC - Collector Current (Amps)
IC - Collector Current (Amps)
hFE v IC
VBE(sat) v IC
IC - Collector Current (Amps)
VBE(on) v IC
VCE - Collector Voltage (Volts)
Safe Operating Area
1
1000
10
100
0.001
0.01
0.1
1
Single Pulse Test at Tamb=25°C
D.C.
1s
100ms
10ms
1.0ms
0.1ms
VCE=-10V
-0.0001
-0.001
-1
-0.01
-0.1
20
40
60
80
100
-0.2
-0.0001
-0.001
-1
-0.01
-0.1
IC/IB=10
-0.4
-0.6
-0.8
-1.0
0
-0.0001
-0.001
-1
-0.01
-0.1
IC/IB=10
-0.2
-0.4
-0.6
-0.8
3
2
1
4
5
-0.1
-1
0
IB1=IB2=IC/10
-0.01
ts
tf
td
tr
ts
µS
tr
nS
300
200
100
400
500
0
tf
nS
600
400
200
800
1000
0
td
nS
100
50
0
-0.6
-0.0001
-0.001
-1
-0.01
-0.1
-0.8
-1.0
-1.2
-1.4
VCE=-10V
ZTX576
3-205


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn