Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBTU0808EE/G Datasheet(PDF) 6 Page - NXP Semiconductors

Part # CBTU0808EE/G
Description  Dual lane PCI Express port multiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTU0808EE/G Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button CBTU0808EE/G Datasheet HTML 2Page - NXP Semiconductors CBTU0808EE/G Datasheet HTML 3Page - NXP Semiconductors CBTU0808EE/G Datasheet HTML 4Page - NXP Semiconductors CBTU0808EE/G Datasheet HTML 5Page - NXP Semiconductors CBTU0808EE/G Datasheet HTML 6Page - NXP Semiconductors CBTU0808EE/G Datasheet HTML 7Page - NXP Semiconductors CBTU0808EE/G Datasheet HTML 8Page - NXP Semiconductors CBTU0808EE/G Datasheet HTML 9Page - NXP Semiconductors CBTU0808EE/G Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
CBTU0808_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 6 September 2007
6 of 17
NXP Semiconductors
CBTU0808
Dual lane PCI Express port multiplexer
8.
Limiting values
[1]
The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
9.
Recommended operating conditions
[1]
The CTRL[1:0] inputs of the device must be held at valid levels (not floating) to ensure proper device operation.
[2]
VI(dif)(p-p) =2 ×|VTX_D+ − VTX_D−|. See Paragraph 4.3.3, Table 4-5 of Ref. 1.
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.5
+2.5
V
VI
input voltage
[1]
−0.5
+2.5
V
IIK
input clamping current
VI < 0 V or VI >VDD
-
−50
mA
IOK
output clamping current
VO < 0 V or VO >VDD
-
±50
mA
IO
output current
continuous; 0 V < VO < VDD
-
±50
mA
IDDC
continuous current through each
VDD or GND pin
-
±100
mA
Tstg
storage temperature
−65
+150
°C
Vesd
electrostatic discharge voltage
Human Body Model; 1.5 k
Ω; 100 pF
>8
-
kV
Machine Model; 0
Ω; 200 pF
>450
-
V
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
supply voltage
1.7
-
1.9
V
VI
input voltage
TXn and RXn ports
−0.25
-
+1.75
V
VIH
HIGH-level input voltage
CTRL[1:0], TEST inputs
[1] 0.65
× VDD
-VDD
V
VIL
LOW-level input voltage
CTRL[1:0], TEST[1:0] inputs
[1] -
-
0.35
× VDD
V
VICR
common mode input voltage
range
TXn and RXn ports
0
-
1.5
V
VI(dif)(p-p)
peak-to-peak differential
input voltage
TXn and RXn ports
[2] -
-
1.2
V
Tamb
ambient temperature
operating in free air
0
-
+85
°C


Similar Part No. - CBTU0808EE/G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTU0808EE/G PHILIPS-CBTU0808EE/G Datasheet
91Kb / 16P
   Dual lane PCI Express port multiplexer
Rev. 01-2 June 2006
More results

Similar Description - CBTU0808EE/G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTU0808 PHILIPS-CBTU0808 Datasheet
91Kb / 16P
   Dual lane PCI Express port multiplexer
Rev. 01-2 June 2006
logo
Integrated Device Techn...
89HPES3T3 IDT-89HPES3T3 Datasheet
395Kb / 23P
   3-Lane 3-Port PCI Express Switch
89PES5T5 IDT-89PES5T5 Datasheet
437Kb / 26P
   5-Lane 5-Port PCI Express Switch
89HPES8T5A IDT-89HPES8T5A Datasheet
462Kb / 29P
   8-Lane 5-Port PCI Express Switch
89HPES6T5 IDT-89HPES6T5 Datasheet
461Kb / 28P
   6-Lane 5-Port PCI Express Switch
89PES24N3 IDT-89PES24N3 Datasheet
49Kb / 2P
   24-Lane 3-Port PCI Express Switch
89HPES4T4 IDT-89HPES4T4 Datasheet
399Kb / 23P
   4-Lane 4-Port PCI Express Switch
logo
AVAGO TECHNOLOGIES LIMI...
PEX8618 AVAGO-PEX8618 Datasheet
735Kb / 4P
   Flexible & Versatile 16-lane 16-port PCI Express
PEX8619 AVAGO-PEX8619 Datasheet
1Mb / 4P
   Flexible & Versatile 16-lane 16-port PCI Express
logo
Renesas Technology Corp
89HPES16H16 RENESAS-89HPES16H16 Datasheet
472Kb / 37P
   16-Lane 16-Port PCI Express® Switch
October 3, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com