Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBTL06121 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # CBTL06121
Description  Gen1 hex display multiplexer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTL06121 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button CBTL06121 Datasheet HTML 3Page - NXP Semiconductors CBTL06121 Datasheet HTML 4Page - NXP Semiconductors CBTL06121 Datasheet HTML 5Page - NXP Semiconductors CBTL06121 Datasheet HTML 6Page - NXP Semiconductors CBTL06121 Datasheet HTML 7Page - NXP Semiconductors CBTL06121 Datasheet HTML 8Page - NXP Semiconductors CBTL06121 Datasheet HTML 9Page - NXP Semiconductors CBTL06121 Datasheet HTML 10Page - NXP Semiconductors CBTL06121 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
CBTL06121_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 23 May 2008
7 of 19
NXP Semiconductors
CBTL06121
Gen1 hex display multiplexer
6.2 Pin description
Table 2.
Pin description
Symbol
Pin
Type
Description
Pinout A Pinout B
SEL
18
2
3.3 V low-voltage CMOS
single-ended input
SEL controls the MUX through a flow-through latch.
LE_N
19
3
3.3 V low-voltage CMOS
single-ended input
The latch gate is controlled by LE_N.
XSD
50
50
3.3 V low-voltage CMOS
single-ended input
Optional shutdown pin. Should be driven HIGH or
connected to VDD for normal operation. When LOW, all
paths are switched off (non-conducting) and supply current
consumption is minimized.
RX0+
33
26
differential input
Differential input from PCIe connector or device. RX0+
makes a differential pair with RX0
−. RX0+ is passed
through to the OUT+ pin when SEL = 0.
RX0
32
25
differential input
Differential input from PCIe connector or device. RX0
makes a differential pair with RX0+. RX0
− is passed
through to the OUT
− pin when SEL = 0.
RX1+
31
24
differential input
Differential input from PCIe connector or device. RX1+
makes a differential pair with RX1
−. RX1+ is passed
through to the X+ pin when SEL = 0.
RX1
30
23
differential input
Differential input from PCIe connector or device. RX1
makes a differential pair with RX1+. RX1
− is passed
through to the X
− pin on a path that matches the RX1+ to
X+ path.
IN_0+
2
4
differential input
Differential input from display source PCIe outputs.
IN_0+ makes a differential pair with IN_0
−.
IN_0
3
5
differential input
Differential input from display source PCIe outputs.
IN_0
− makes a differential pair with IN_0+.
IN_1+
4
7
differential input
Differential input from display source PCIe outputs.
IN_1+ makes a differential pair with IN_1
−.
IN_1
5
8
differential input
Differential input from display source PCIe outputs.
IN_1
− makes a differential pair with IN_1+.
IN_2+
7
9
differential input
Differential input from display source PCIe outputs.
IN_2+ makes a differential pair with IN_2
−.
IN_2
8
10
differential input
Differential input from display source PCIe outputs.
IN_2
− makes a differential pair with IN_2+.
IN_3+
9
12
differential input
Differential input from display source PCIe outputs.
IN_3+ makes a differential pair with IN_3
−.
IN_3
10
13
differential input
Differential input from display source PCIe outputs.
IN_3
− makes a differential pair with IN_3+.
HPD
24
31
high-voltage
single-ended input
Low frequency, 0 V to 5 V/3.3 V (nominal) input signal. This
signal comes from the HDMI/DP connector. Voltage HIGH
indicates a ‘plugged’ state; voltage LOW indicates
‘unplugged’.
X+
14
18
(SEL = HIGH); HPD:
high-voltage single-ended
input
Low frequency, 0 V to 5 V/3.3 V (nominal) input signal. This
signal comes from the HDMI/DP connector.
(SEL = LOW); X+:
pass-through output
Analog ‘pass-through’ output corresponding to RX1+.


Similar Part No. - CBTL06121

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTL06122 NXP-CBTL06122 Datasheet
112Kb / 19P
   High-performance DisplayPort/PCIe Gen2 hex display multiplexer
Rev. 02 ??16 April 2009
CBTL06122AHF NXP-CBTL06122AHF Datasheet
112Kb / 19P
   High-performance DisplayPort/PCIe Gen2 hex display multiplexer
Rev. 02 ??16 April 2009
CBTL06122BHF NXP-CBTL06122BHF Datasheet
112Kb / 19P
   High-performance DisplayPort/PCIe Gen2 hex display multiplexer
Rev. 02 ??16 April 2009
More results

Similar Description - CBTL06121

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTL06141EE PHILIPS-CBTL06141EE Datasheet
45Kb / 3P
   CBTL06141 - Gen1 Hex Display Multiplexer with 4 1 DDC/AUX Multiplexer
7/22/2009
CBTL06141 NXP-CBTL06141 Datasheet
392Kb / 18P
   Gen1 display 2 : 1 multiplexer
Rev. 2 - 15 July 2010
CBTL06122 NXP-CBTL06122 Datasheet
112Kb / 19P
   High-performance DisplayPort/PCIe Gen2 hex display multiplexer
Rev. 02 ??16 April 2009
CBTL06DP211 NXP-CBTL06DP211 Datasheet
153Kb / 18P
   DisplayPort Gen1 2 : 1 multiplexer
Rev. 1-21 February 2011
logo
Renesas Technology Corp
9DML2855 RENESAS-9DML2855 Datasheet
527Kb / 19P
   2:8 PCIe Gen1–5 Clock Multiplexer
March 16, 2020
IDT6V31023 RENESAS-IDT6V31023 Datasheet
371Kb / 14P
   2:1 PCIE GEN1/2/3 CLOCK MULTIPLEXER
REV B 053112
IDT5V41067A RENESAS-IDT5V41067A Datasheet
386Kb / 14P
   2:4 PCIE GEN1/2/3 CLOCK MULTIPLEXER
112211
IDT5V41068A RENESAS-IDT5V41068A Datasheet
360Kb / 14P
   2:1 PCIE GEN1/2/3 CLOCK MULTIPLEXER
040616
ICS557-08 RENESAS-ICS557-08 Datasheet
321Kb / 13P
   2:1 MULTIPLEXER CHIP FOR PCI-EXPRESS GEN1
112111
logo
Analog Devices
ADG796A AD-ADG796A_15 Datasheet
514Kb / 24P
   Wide Bandwidth, Hex 2:1 Multiplexer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com