Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IT3D-100P-25H03 Datasheet(PDF) 6 Page - Hirose Electric

Part # IT3D-100P-25H03
Description  High-Speed(10Gbps) BGA Mezzanine Connectors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

IT3D-100P-25H03 Datasheet(HTML) 6 Page - Hirose Electric

Back Button IT3D-100P-25H03 Datasheet HTML 2Page - Hirose Electric IT3D-100P-25H03 Datasheet HTML 3Page - Hirose Electric IT3D-100P-25H03 Datasheet HTML 4Page - Hirose Electric IT3D-100P-25H03 Datasheet HTML 5Page - Hirose Electric IT3D-100P-25H03 Datasheet HTML 6Page - Hirose Electric IT3D-100P-25H03 Datasheet HTML 7Page - Hirose Electric IT3D-100P-25H03 Datasheet HTML 8Page - Hirose Electric IT3D-100P-25H03 Datasheet HTML 9Page - Hirose Electric IT3D-100P-25H03 Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
IT3 SeriesqHigh-Speed(10
+Gbps) BGA Mezzanine Connectors
qDifferential Far-End Crosstalk (FEXT)
Low far-end crosstalk at the center pair from surrounding 8 aggressors is observed. Even lower crosstalk
can be achieved by skipping pins.
0
5
10
15
20
-60
-50
-40
-30
-20
-10
0
Frequency (GHz)
S141
S142
S143
S144
S146
S147
S148
S149
Sum
0
5
10
15
20
-60
-50
-40
-30
-20
-10
0
Frequency (GHz)
S141
S142
S143
S144
S146
S147
S148
S149
Sum
0
5
10
15
20
-60
-50
-40
-30
-20
-10
0
Frequency (GHz)
S141
S142
S143
S144
S146
S147
S148
S149
Sum
17mm Height
25mm Height
32mm Height
qInsertion-Loss-to-Crosstalk-Ratio (ICR) for FEXT
The insertion-loss-to-crosstalk-ratio (ICR) for 8-aggressor FEXT meets the extrapolated IEEE 802.3ap
specification up to 12GHz.
0
5
10
15
20
0
10
20
30
40
50
60
Frequency (GHz)
ICR
IEEE spec
0
5
10
15
20
0
10
20
30
40
50
60
Frequency (GHz)
ICR
IEEE spec
0
5
10
15
20
0
10
20
30
40
50
60
Frequency (GHz)
ICR
IEEE spec
17mm Height
25mm Height
32mm Height


Similar Part No. - IT3D-100P-25H03

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
IT3D-200S-BGA HIROSE-IT3D-200S-BGA Datasheet
604Kb / 11P
   IT3 Test Vehicle Assembly Yield Test
IT3D-300S-BGA HIROSE-IT3D-300S-BGA Datasheet
1Mb / 21P
   IT3 Thermal Cycling Test Report
IT3D-300S-BGA HIROSE-IT3D-300S-BGA Datasheet
604Kb / 11P
   IT3 Test Vehicle Assembly Yield Test
IT3D-300S-BGA HIROSE-IT3D-300S-BGA Datasheet
543Kb / 6P
   IT3D(M)-300S-BGA (57) BGA Shearing Force TEST REPORT
IT3D-300S-BGA HIROSE-IT3D-300S-BGA Datasheet
1Mb / 16P
   IT3D(M)-300S-BGA (57) Cross Sectioning TEST REPORT
More results

Similar Description - IT3D-100P-25H03

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75003-0305 MOLEX-75003-0305 Datasheet
694Kb / 2P
   High Speed Mezzanine for 10.0 Gbps Bandwidth
75003-0X05 MOLEX-75003-0X05 Datasheet
608Kb / 2P
   Combination High Speed Mezzanine
logo
MolexKits
76650-0172 MOLEXKITS-76650-0172 Datasheet
38Kb / 2P
   Mezzanine PCB Connectors
logo
Molex Electronics Ltd.
SD-75005-001 MOLEX11-SD-75005-001 Datasheet
222Kb / 3P
   SALES DRAWING FOR HIGH SPEED MEZZANINE RECEPTACLE
logo
MolexKits
76650-0130 MOLEXKITS-76650-0130 Datasheet
42Kb / 2P
   High Speed Mezzanine Gold Plug and Receptacle
logo
OKI electronic componet...
KGL4201 OKI-KGL4201 Datasheet
445Kb / 24P
   10-Gbps GaAs Family High-Speed Optical Communications System
logo
Hirose Electric
FX10A-80P8-SV HIROSE-FX10A-80P8-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
FX10A-100P-10-SV HIROSE-FX10A-100P-10-SV Datasheet
637Kb / 20P
   10Gbps 0.5mm pitch Stacking Connectors
logo
TE Connectivity Ltd
108-2246 TEC-108-2246 Datasheet
206Kb / 5P
   1.0 mm Mezzanine Connectors
logo
FCI connector
10118744-T133YZZLF FCI-CONNECTOR-10118744-T133YZZLF Datasheet
760Kb / 2P
   High Density, Low Profile 1.00mm Pitch Mezzanine Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com