Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYC8X-600 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BYC8X-600
Description  Hyperfast rectifier diode, low switching loss
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BYC8X-600 Datasheet(HTML) 2 Page - NXP Semiconductors

  BYC8X-600 Datasheet HTML 1Page - NXP Semiconductors BYC8X-600 Datasheet HTML 2Page - NXP Semiconductors BYC8X-600 Datasheet HTML 3Page - NXP Semiconductors BYC8X-600 Datasheet HTML 4Page - NXP Semiconductors BYC8X-600 Datasheet HTML 5Page - NXP Semiconductors BYC8X-600 Datasheet HTML 6Page - NXP Semiconductors BYC8X-600 Datasheet HTML 7Page - NXP Semiconductors BYC8X-600 Datasheet HTML 8Page - NXP Semiconductors BYC8X-600 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BYC8X-600_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 13 March 2009
2 of 9
NXP Semiconductors
BYC8X-600
Hyperfast rectifier diode, low switching loss
2.
Pinning information
3.
Ordering information
4.
Limiting values
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
K
cathode
SOD113
(TO-220F)
2
A
anode
mb
n.c.
mounting base; isolated
2
1
mb
A
001aaa020
K
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BYC8X-600
TO-220F
plastic single-ended package; isolated heatsink mounted; 1 mounting
hole; 2-lead TO-220 "full pack"
SOD113
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VRRM
repetitive peak reverse
voltage
-600
V
VRWM
crest working reverse
voltage
-600
V
IF(AV)
average forward
current
square-wave pulse;
δ =0.5; Th = 59 °C; see Figure
1; see Figure 2
-8
A
IFRM
repetitive peak forward
current
square-wave pulse;
δ = 0.5; tp = 25 µs; Th =59°C
-
16
A
IFSM
non-repetitive peak
forward current
tp = 10 ms; sine-wave pulse; Tj(init) =25 °C
-
80
A
tp = 8.3 ms; sine-wave pulse; Tj(init) =25 °C
-
88
A
Tstg
storage temperature
-40
150
°C
Tj
junction temperature
-
150
°C


Similar Part No. - BYC8X-600

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BYC8X-600 WEEN-BYC8X-600 Datasheet
221Kb / 10P
   Hyperfast power diode
BYC8X-600P WEEN-BYC8X-600P Datasheet
379Kb / 10P
   Hyperfast power diode
logo
NXP Semiconductors
BYC8X-600P PHILIPS-BYC8X-600P_15 Datasheet
186Kb / 11P
   Hyperfast power diode
3 August 2015
BYC8X-600 PHILIPS-BYC8X-600_15 Datasheet
150Kb / 9P
   Hyperfast rectifier diode, low switching loss
Rev. 02-13 March 2009
More results

Similar Description - BYC8X-600

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYC8X-600 PHILIPS-BYC8X-600_15 Datasheet
150Kb / 9P
   Hyperfast rectifier diode, low switching loss
Rev. 02-13 March 2009
BYC8-600 NXP-BYC8-600 Datasheet
144Kb / 9P
   Hyperfast rectifier diode, low switching loss
Rev. 06-12 March 2009
BYC5-600 PHILIPS-BYC5-600 Datasheet
57Kb / 6P
   Rectifier diode ultrafast, low switching loss
September 1998 Rev 1.100
logo
Unisonic Technologies
BYC8-600 UTC-BYC8-600 Datasheet
144Kb / 3P
   ULTRAFAST, LOW SWITCHING LOSS RECTIFIER DIODE
logo
NXP Semiconductors
BYC8-600 PHILIPS-BYC8-600 Datasheet
59Kb / 6P
   Rectifier diode ultrafast, low switching loss
September 1998 Rev 1.100
BYC8B-600 PHILIPS-BYC8B-600 Datasheet
62Kb / 6P
   Rectifier diode ultrafast, low switching loss
October 1998 Rev 1.200
BYC10B-600 PHILIPS-BYC10B-600_15 Datasheet
121Kb / 8P
   Rectifier diode ultrafast, low switching loss
March 2001
logo
Unisonic Technologies
BYC10-600 UTC-BYC10-600_15 Datasheet
163Kb / 3P
   ULTRAFAST, LOW SWITCHING LOSS RECTIFIER DIODE
BYC5 UTC-BYC5 Datasheet
165Kb / 3P
   ULTRAFAST, LOW SWITCHING LOSS RECTIFIER DIODE
BYC5-600 UTC-BYC5-600 Datasheet
132Kb / 3P
   ULTRAFAST, LOW SWITCHING LOSS RECTIFIER DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com