Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRP012V100W1AA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DRP012V100W1AA
Description  CliQ Din Rail Power Supply 12V 100W 1 Phase
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DRP012V100W1AA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DRP012V100W1AA Datasheet HTML 1Page - Delta Electronics, Inc. DRP012V100W1AA Datasheet HTML 2Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DRP012V100W1AA
100Watts
Total Power: 100Watts
Input Voltage: 85-264Vac
# of Output:
Single
Model number
Reference no.
OUTPUT (DC)
Output power
100W
Output voltage range
11-14V
Output current
8.33A (100W max.)
Residual ripple/peak switching (20MHz)
(@ nominal values)
< 100mV
Mains buffering at nominal load (typ.)
> 22ms @ 115Vac, > 110ms @ 230Vac
Line regulation
< 0.5% typ. (@ 85 - 264Vac input, 100% load)
Load regulation
< 1% Typical (with rated input, 0 to 100% load)
INPUT (AC)
Input voltage range
85 - 264Vac (DC input range 120 - 375Vdc)
Input frequency
47 - 63Hz
Nominal current
2.90A Max ( 2.5A @ 115Vac & 1.5A @ 230Vac)
Efficiency
Min 86% @ 115Vac & Min 87.5% @ 230Vac
Power factor
Conform to EN61000-3-2 STD
Inrush current limitation I²t (+25°C) typ. < 100A @ 115VAC & No Damage @ 230VAC
Leakage current
< 1mA
MECHANICAL DESIGN
Case cover
Aluminium (Al5052)
Dimensions (L x W x H)
121mm x 50mm x 118.2mm
Unit weight / box
0.636kg
MTBF
> 300,000 hrs
Noise
Sound pressure level (SPL) < 40dBA
Cooling
Convection
Input terminal
M4 x 3
Output terminal
M4 x 2 QPA-2pcs
Mounting rail
Standard TS35 mounting rail
Shock proof
IEC60068-2-27
Vibration
IEC60068-2-6
Protection structure
EN60950 meet IPX0
DRP012V100W1AA
EOE11010160
CliQ Din Rail Power Supply
12V 100W 1 Phase
DRP012V100W1AA
Special Features
• Ease of multiple wire
connection
• Compact design for easy
handling
• Overload protection
• Thermal protection
• Power boost 150% for 3secs
• Expected life time: 10 years
• Redundancy: Yes
(with external ORing diode)
• RoHS compliant
E315355
3 PET
R
R


Similar Part No. - DRP012V100W1AA

ManufacturerPart #DatasheetDescription
logo
Powerbox
DRP012V100W1AA POWERBOX-DRP012V100W1AA Datasheet
346Kb / 2P
   Power will not de-rate for the entire input voltage range
logo
Delta Electronics, Inc.
DRP012V100W1AA DELTA-DRP012V100W1AA_14 Datasheet
834Kb / 12P
   CliQ DIN Rail Power Supply
More results

Similar Description - DRP012V100W1AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP012V060W1AA DELTA-DRP012V060W1AA Datasheet
972Kb / 2P
   CliQ Din Rail Power Supply 12V 60W 1 Phase
DRP012V015W1AZ DELTA-DRP012V015W1AZ Datasheet
992Kb / 2P
   CliQ Din Rail Power Supply 12V 15W 1 Phase Plastic
DRP012V030W1AZ DELTA-DRP012V030W1AZ Datasheet
985Kb / 2P
   CliQ Din Rail Power Supply 12V 30W 1 Phase Plastic
DRP024V480W1AA DELTA-DRP024V480W1AA Datasheet
1Mb / 2P
   CliQ Din Rail Power Supply 24V 480W 1 Phase
DRP024V240W1AA DELTA-DRP024V240W1AA Datasheet
1Mb / 2P
   CliQ Din Rail Power Supply 24V 240W 1 Phase
DRP024V060W1AA DELTA-DRP024V060W1AA Datasheet
2Mb / 2P
   CliQ Din Rail Power Supply 24V 60W 1 Phase
DRP024V120W1AA DELTA-DRP024V120W1AA Datasheet
2Mb / 2P
   CliQ Din Rail Power Supply 24V 120W 1 Phase
DRP012V030W1AY DELTA-DRP012V030W1AY Datasheet
689Kb / 12P
   CliQ DIN Rail Power Supply
DRP012V100W1AA DELTA-DRP012V100W1AA_14 Datasheet
834Kb / 12P
   CliQ DIN Rail Power Supply
DRP024V480W1AA DELTA-DRP024V480W1AA_14 Datasheet
1Mb / 13P
   CliQ DIN Rail Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com