Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK7109-75ATE Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BUK7109-75ATE
Description  N-channel TrenchPLUS standard level FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK7109-75ATE Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BUK7109-75ATE Datasheet HTML 6Page - NXP Semiconductors BUK7109-75ATE Datasheet HTML 7Page - NXP Semiconductors BUK7109-75ATE Datasheet HTML 8Page - NXP Semiconductors BUK7109-75ATE Datasheet HTML 9Page - NXP Semiconductors BUK7109-75ATE Datasheet HTML 10Page - NXP Semiconductors BUK7109-75ATE Datasheet HTML 11Page - NXP Semiconductors BUK7109-75ATE Datasheet HTML 12Page - NXP Semiconductors BUK7109-75ATE Datasheet HTML 13Page - NXP Semiconductors BUK7109-75ATE Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
BUK7109-75ATE_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 10 February 2009
10 of 15
NXP Semiconductors
BUK7109-75ATE
N-channel TrenchPLUS standard level FET
Fig 13. Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Fig 14. Gate-source voltage as a function of turn-on
gate charge; typical values
Fig 15. Forward transconductance as a function of
drain current; typical values
Fig 16. Temperature coefficient of temperature sense
diode as a function of forward voltage; typical
values
03ni84
0
25
50
75
100
024
68
VGS (V)
ID
(A)
175
°C
Tj = 25 °C
03ni92
0
2
4
6
8
10
0
50
100
150
QG (nC)
VGS
(V)
VDS = 60 V
14 V
Tj (°C)
0
200
150
50
100
03ne84
500
600
700
VF
(mV)
400
03ne85
VF (mV)
645
675
665
655
−1.50
−1.60
−1.70
SF
(mV/K)
−1.40
max
typ
min


Similar Part No. - BUK7109-75ATE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK7109-75ATE NEXPERIA-BUK7109-75ATE Datasheet
347Kb / 16P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 10 February 2009
logo
NXP Semiconductors
BUK7109-75ATE PHILIPS-BUK7109-75ATE_15 Datasheet
232Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02-10 February 2009
More results

Similar Description - BUK7109-75ATE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7108-40AIE PHILIPS-BUK7108-40AIE_15 Datasheet
209Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 03-19 February 2009
BUK7909-75ATE PHILIPS-BUK7909-75ATE_15 Datasheet
235Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02-16 February 2009
BUK7907-40ATC NXP-BUK7907-40ATC Datasheet
240Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02-10 February 2009
logo
Nexperia B.V. All right...
BUK7905-40AIE NEXPERIA-BUK7905-40AIE Datasheet
721Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 05 - 10 February 2009
BUK7907-40ATC NEXPERIA-BUK7907-40ATC Datasheet
738Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 10 February 2009
BUK7908-40AIE NEXPERIA-BUK7908-40AIE Datasheet
707Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 03 - 17 February 2009
BUK7107-55ATE NEXPERIA-BUK7107-55ATE Datasheet
345Kb / 16P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 19 February 2009
BUK7109-75AIE NEXPERIA-BUK7109-75AIE Datasheet
339Kb / 14P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 10 February 2009
BUK7107-55AIE NEXPERIA-BUK7107-55AIE Datasheet
338Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 10 February 2009
BUK7C10-75AITE NEXPERIA-BUK7C10-75AITE Datasheet
738Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 03 - 17 February 2009
logo
NXP Semiconductors
BUK7105-40ATE NXP-BUK7105-40ATE Datasheet
223Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02-10 February 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com