Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZTX1149A Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZTX1149A
Description  PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZTX1149A Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZTX1149A Datasheet HTML 1Page - Zetex Semiconductors ZTX1149A Datasheet HTML 2Page - Zetex Semiconductors ZTX1149A Datasheet HTML 3Page - Zetex Semiconductors ZTX1149A Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
UNIT
CONDITIONS.
MIN.
TYP.
MAX.
Collector-Base
Breakdown Voltage
V(BR)CBO
-30
-70
V
IC=-100
µA
Collector-Emitter
Breakdown Voltage
V(BR)CES
-25
-60
V
IC=-100µA
Collector-Emitter
Breakdown Voltage
V(BR)CEO
-25
-60
V
IC=-10mA *
Collector-Emitter
Breakdown Voltage
V(BR)CEV
-25
-60
V
IC=-100µA, VEB=+1V
Emitter-Base Breakdown
Voltage
V(BR)EBO
-5
-8.5
V
IE=-100
µA
Collector Cut-Off Current
ICBO
-0.3
-100
nA
VCB=-24V
Emitter Cut-Off Current
IEBO
-0.3
-100
nA
VEB=-4V
Collector Emitter Cut-Off
Current
ICES
-0.3
-100
nA
VCE=-20V
Collector-Emitter
Saturation Voltage
VCE(sat)
-45
-100
-140
-170
-200
-80
-170
-240
-260
-300
mV
mV
mV
mV
mV
IC=-0.1A, IB=-1.0mA*
IC=-0.5A, IB=-3mA*
IC=-1A, IB=-7mA*
IC=-2A, IB=-30mA*
IC=-3A, IB=-70mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-870
-1000
mV
IC=-3A, IB=-70mA*
Base-Emitter Turn-On
Voltage
VBE(on)
-800
-900
mV
IC=-3A, VCE=-2V*
Static Forward Current
Transfer Ratio
hFE
270
250
195
115
450
400
320
190
50
800
IC=-10mA, VCE=-2V*
IC=-0.5A, VCE=-2V*
IC=-2A, VCE=-2V*
IC=-5A, VCE=-2V*
IC=-10A, VCE=-2V*
Transition Frequency
fT
135
MHz
IC=-50mA, VCE=-10V
f=50MHz
Output Capacitance
Ccb
50
pF
VCB=- 10V, f= 1MHz
Switching Times
ton
150
ns
IC=-4A, IB=-40mA,
VCC=-10V
toff
270
ns
IC=-4A, IB=
±40mA,
VCC=-10V
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%.
ZTX1149A


Similar Part No. - ZTX1149A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZTX1149A DIODES-ZTX1149A Datasheet
77Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX1149A DIODES-ZTX1149A_15 Datasheet
77Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
More results

Similar Description - ZTX1149A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT792A ZETEX-FZT792A Datasheet
76Kb / 3P
   PNP SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
ZTX788B DIODES-ZTX788B Datasheet
71Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Zetex Semiconductors
FZT1147A ZETEX-FZT1147A Datasheet
93Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX792A ZETEX-ZTX792A Datasheet
61Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX795A ZETEX-ZTX795A Datasheet
60Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Guangdong Kexin Industr...
FZT788B KEXIN-FZT788B Datasheet
38Kb / 2P
   PNP Silicon Planar Medium Power High Gain Transistor
logo
Diodes Incorporated
ZTX789A DIODES-ZTX789A Datasheet
71Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX790A DIODES-ZTX790A Datasheet
71Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX718 DIODES-ZTX718_15 Datasheet
96Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX1147A DIODES-ZTX1147A_15 Datasheet
78Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Zetex Semiconductors
FZT1149A ZETEX-FZT1149A Datasheet
93Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com