Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8088IRZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL8088IRZ
Description  Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8088IRZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL8088IRZ Datasheet HTML 1Page - Intersil Corporation ISL8088IRZ Datasheet HTML 2Page - Intersil Corporation ISL8088IRZ Datasheet HTML 3Page - Intersil Corporation ISL8088IRZ Datasheet HTML 4Page - Intersil Corporation ISL8088IRZ Datasheet HTML 5Page - Intersil Corporation ISL8088IRZ Datasheet HTML 6Page - Intersil Corporation ISL8088IRZ Datasheet HTML 7Page - Intersil Corporation ISL8088IRZ Datasheet HTML 8Page - Intersil Corporation ISL8088IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
Dual 800mA Low Quiescent Current 2.25MHz High
Efficiency Synchronous Buck Regulator
ISL8088
The ISL8088 is a high efficiency, dual synchronous
step-down DC/DC regulator that can deliver up to 800mA
continuous output current per channel. The supply
voltage range of 2.75V to 5.5V allows the use of a single
Li+ cell, three NiMH cells or a regulated 5V input. The
current mode control architecture enables very low duty
cycle operation at high frequency with fast transient
response and excellent loop stability. The ISL8088
operates at 2.25MHz switching frequency allowing the
use of small, low cost inductors and capacitors. Each
channel is optimized for generating an output voltage as
low as 0.6V.
The ISL8088 has a user configurable mode of
operation-forced PWM mode and PFM/PWM mode. The
forced PWM mode operation reduces noise and RF
interference while the PFM mode operation provides high
efficiency by reducing switching losses at light loads. In
PFM mode of operation, both channels draw a total
quiescent current of only 30µA hence enabling high light
load efficiency in order to maximize battery life.
The ISL8088 offers a 1ms Power-Good (PG) to monitor
both output at power-up. When shutdown, ISL8088
discharges the outputs capacitor. Other features include
internal digital soft-start, enable for power sequence,
overcurrent protection, and thermal shutdown. The
ISL8088 is offered in a 3mmx3mm 10 Ld DFN package
with 1mm maximum height. The complete converter
occupies less than 1.8cm2 area.
Features
• Internal Current Mode Compensation
• 100% Maximum Duty Cycle for Lowest Dropout
• Selectable Forced PWM Mode and PFM Mode
• External Synchronization up to 4MHz
• Start-up with Pre-biased Output
• Soft-Stop Output Discharge During Disabled
• Internal Digital Soft-Start - 2ms
• Power-Good (PG) Output with 1ms Delay
Applications*(see page 17)
• DC/DC POL Modules
•µC/µP, FPGA and DSP Power
• Plug-in DC/DC Modules for Routers and Switchers
• Test and Measurement Systems
• Li-ion Battery Power Devices
• Bar Code Readers
Efficiency Characteristics Curve
OUTPUT LOAD (A)
40
50
60
70
80
90
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
2.5VOUT-PFM
1.8VOUT-PFM
2.5VOUT-PWM
1.8VOUT-PWM
VIN = 5V
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2009, 2010. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
April 29, 2010
FN6858.1


Similar Part No. - ISL8088IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8088IRZ INTERSIL-ISL8088IRZ Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8088IRZ RENESAS-ISL8088IRZ Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8088IRZ-T INTERSIL-ISL8088IRZ-T Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
More results

Similar Description - ISL8088IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78228 INTERSIL-ISL78228 Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL78228 RENESAS-ISL78228 Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78228ARZ INTERSIL-ISL78228ARZ Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
April 13, 2015
logo
Renesas Technology Corp
ISL8088 RENESAS-ISL8088 Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78228ARZ-T INTERSIL-ISL78228ARZ-T Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
December 4, 2013
ISL8088 INTERSIL-ISL8088 Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8022 RENESAS-ISL8022 Datasheet
1Mb / 18P
   Dual 2A/1.7A Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78322ARZ INTERSIL-ISL78322ARZ Datasheet
1Mb / 18P
   Dual 2A/1.7A Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
August 26, 2014
logo
Renesas Technology Corp
ISL8033 RENESAS-ISL8033 Datasheet
2Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8033IRZ-T INTERSIL-ISL8033IRZ-T Datasheet
1Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com