Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL80103IR33Z Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL80103IR33Z
Description  High Performance 2A and 3A Linear Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80103IR33Z Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL80103IR33Z Datasheet HTML 3Page - Intersil Corporation ISL80103IR33Z Datasheet HTML 4Page - Intersil Corporation ISL80103IR33Z Datasheet HTML 5Page - Intersil Corporation ISL80103IR33Z Datasheet HTML 6Page - Intersil Corporation ISL80103IR33Z Datasheet HTML 7Page - Intersil Corporation ISL80103IR33Z Datasheet HTML 8Page - Intersil Corporation ISL80103IR33Z Datasheet HTML 9Page - Intersil Corporation ISL80103IR33Z Datasheet HTML 10Page - Intersil Corporation ISL80103IR33Z Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ISL80102, ISL80103
7
FN6660.1
March 22, 2010
FIGURE 8. SHUTDOWN CURRENT vs TEMPERATURE
FIGURE 9. SHUTDOWN CURRENT vs TEMPERATURE
FIGURE 10. DROPOUT VOLTAGE vs TEMPERATURE
FIGURE 11. DROPOUT VOLTAGE vs OUTPUT CURRENT
FIGURE 12. ENABLE THRESHOLD VOLTAGE vs
TEMPERATURE
FIGURE 13. POWER-UP (VIN = 2.2V)
Typical Operating Performance
Unless otherwise noted: VIN = 2.2V, VOUT = 1.8V, CIN = COUT = 10µF, TJ = +25°C, IL = 0A. (Continued)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-40 -25 -10 5
20 35 50 65 80 95 110 125
TEMPERATURE (°C)
VIN = 5V
0
1
2
3
4
5
6
7
8
9
10
11
12
-40 -25 -10 5
20 35 50 65 80 95 110 125
TEMPERATURE (°C)
VIN = 6V
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
-40 -25 -10 5
20 35 50 65 80 95 110 125
TEMPERATURE (°C)
1A
2A
3A
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
-40 -25 -10 5
20 35 50 65 80 95 110 125
JUNCTION TEMPERATURE (°C)
VIN (1V/DIV)
SS (1V/DIV)
VOUT (1V/DIV)
TIME (10ms/DIV)
PG (1V/DIV)
ISL80102, ISL80103


Similar Part No. - ISL80103IR33Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80103IR33Z INTERSIL-ISL80103IR33Z Datasheet
623Kb / 16P
   High Performance 2A and 3A LDOs
ISL80103IR33Z-T INTERSIL-ISL80103IR33Z-T Datasheet
623Kb / 16P
   High Performance 2A and 3A LDOs
More results

Similar Description - ISL80103IR33Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80102IRAJZ INTERSIL-ISL80102IRAJZ Datasheet
746Kb / 16P
   High Performance 2A and 3A Linear Regulators
June 14, 2013
logo
Renesas Technology Corp
ISL80102 RENESAS-ISL80102 Datasheet
1Mb / 17P
   High Performance 2A and 3A Linear Regulators
logo
Intersil Corporation
ISL80102 INTERSIL-ISL80102_13 Datasheet
729Kb / 16P
   High Performance 2A and 3A Linear Regulators
ISL80102 INTERSIL-ISL80102_11 Datasheet
850Kb / 15P
   High Performance 2A and 3A Linear Regulators
ISL80102 INTERSIL-ISL80102 Datasheet
623Kb / 16P
   High Performance 2A and 3A LDOs
logo
STMicroelectronics
L6932H12 STMICROELECTRONICS-L6932H12 Datasheet
259Kb / 13P
   High performance 2A ULDO linear regulator
L6932 STMICROELECTRONICS-L6932_05 Datasheet
353Kb / 11P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
logo
Maxim Integrated Produc...
MAX38907 MAXIM-MAX38907 Datasheet
1Mb / 25P
   4A, High-Performance LDO Linear Regulators
2020
MAX38909 MAXIM-MAX38909 Datasheet
1Mb / 20P
   2A High-Performance nMOS LDO Linear Regulator
19-100950; Rev 1; 11/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com