Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL80103IR25Z Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL80103IR25Z
Description  High Performance 2A and 3A Linear Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80103IR25Z Datasheet(HTML) 1 Page - Intersil Corporation

  ISL80103IR25Z Datasheet HTML 1Page - Intersil Corporation ISL80103IR25Z Datasheet HTML 2Page - Intersil Corporation ISL80103IR25Z Datasheet HTML 3Page - Intersil Corporation ISL80103IR25Z Datasheet HTML 4Page - Intersil Corporation ISL80103IR25Z Datasheet HTML 5Page - Intersil Corporation ISL80103IR25Z Datasheet HTML 6Page - Intersil Corporation ISL80103IR25Z Datasheet HTML 7Page - Intersil Corporation ISL80103IR25Z Datasheet HTML 8Page - Intersil Corporation ISL80103IR25Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
High Performance 2A and 3A Linear Regulators
ISL80102, ISL80103
The ISL80102 and ISL80103 are low voltage,
high-current, single output LDOs specified for 2A and 3A
output current, respectively. These LDOs operate from
input voltages of 2.2V to 6V and are capable of providing
output voltages of 0.8V to 5V on the adjustable VOUT
versions. Fixed output voltage options are available in
1.5V, 1.8V, 2.5V, 3.3V and 5V. Other custom voltage
options available upon request.
For applications that demand in-rush current less than
the current limit, an external capacitor on the soft start
pin provides adjustment. The ENABLE feature allows the
part to be placed into a low quiescent current shutdown
mode. A sub-micron BiCMOS process is utilized for this
product family to deliver the best in class analog
performance and overall value.
These CMOS LDOs will consume significantly lower
quiescent current as a function of load over bipolar LDOs,
which translates into higher efficiency and the ability to
consider packages with smaller footprints. Quiescent
current is modestly compromised to enable a leading
class fast load transient response, and hence a lower
total AC regulation band for an LDO in this category.
Features
• Stable with all Capacitor Types (Note 11)
• 2A and 3A Output Current Ratings
• 2.2V to 6V Input Voltage Range
•±1.8% VOUT Accuracy Guaranteed Over Line, Load
and TJ = -40°C to +125°C
• Very Low 120mV Dropout Voltage at 3A (ISL80103)
• Fixed and Adjustable VOUT Versions
• Very Fast Transient Response
• Excellent 62dB PSRR
•100µVRMS Output Noise
• Power-Good Output
• Adjustable In-Rush Current Limiting
• Short Circuit and Over-Temperature Protection
• Available in a 10 Ld DFN (now), 5Ld TO220 and 5Ld
TO263 (soon)
Applications*(see page 14)
•Servers
• Telecommunications and Networking
•Medical Equipment
• Instrumentation Systems
•Routers and Switchers
Typical Application
ISL80102, ISL80103
VIN
9
VIN
10
ENABLE
7
SS
6
GND
2.5V ±10%
CIN
10µF
VIN
OFF
ON
*CSS
5
PG
4
VOUT
1
VOUT
2
VOUT
1.8V ±1.8%
COUT
10µF
RPG
100kΩ
SENSE
3
PGOOD
*CSS is optional, (see Note 12) on page 5.
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2009, 2010. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
March 22, 2010
FN6660.1


Similar Part No. - ISL80103IR25Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80103IR25Z INTERSIL-ISL80103IR25Z Datasheet
623Kb / 16P
   High Performance 2A and 3A LDOs
ISL80103IR25Z INTERSIL-ISL80103IR25Z Datasheet
729Kb / 16P
   High Performance 2A and 3A Linear Regulators
ISL80103IR25Z INTERSIL-ISL80103IR25Z Datasheet
746Kb / 16P
   High Performance 2A and 3A Linear Regulators
June 14, 2013
logo
Renesas Technology Corp
ISL80103IR25Z RENESAS-ISL80103IR25Z Datasheet
1Mb / 17P
   High Performance 2A and 3A Linear Regulators
More results

Similar Description - ISL80103IR25Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80102IRAJZ INTERSIL-ISL80102IRAJZ Datasheet
746Kb / 16P
   High Performance 2A and 3A Linear Regulators
June 14, 2013
logo
Renesas Technology Corp
ISL80102 RENESAS-ISL80102 Datasheet
1Mb / 17P
   High Performance 2A and 3A Linear Regulators
logo
Intersil Corporation
ISL80102 INTERSIL-ISL80102_13 Datasheet
729Kb / 16P
   High Performance 2A and 3A Linear Regulators
ISL80102 INTERSIL-ISL80102_11 Datasheet
850Kb / 15P
   High Performance 2A and 3A Linear Regulators
ISL80102 INTERSIL-ISL80102 Datasheet
623Kb / 16P
   High Performance 2A and 3A LDOs
logo
STMicroelectronics
L6932H12 STMICROELECTRONICS-L6932H12 Datasheet
259Kb / 13P
   High performance 2A ULDO linear regulator
L6932 STMICROELECTRONICS-L6932_05 Datasheet
353Kb / 11P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
logo
Maxim Integrated Produc...
MAX38907 MAXIM-MAX38907 Datasheet
1Mb / 25P
   4A, High-Performance LDO Linear Regulators
2020
MAX38909 MAXIM-MAX38909 Datasheet
1Mb / 20P
   2A High-Performance nMOS LDO Linear Regulator
19-100950; Rev 1; 11/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com