Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZTX1049A Datasheet(PDF) 2 Page - Zetex Semiconductors

Part No. ZTX1049A
Description  NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETEX [Zetex Semiconductors]
Homepage  http://www.diodes.com/
Logo 

ZTX1049A Datasheet(HTML) 2 Page - Zetex Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base Breakdown
Voltage
V(BR)CBO 80
120
V
IC=100µA
Collector-Emitter
Breakdown Voltage
VCES
80
120
V
IC=100µA
Collector-Emitter
Breakdown Voltage
VCEO
25
35
V
IC=10mA
Collector-Emitter
Breakdown Voltage
VCEV
80
120
V
IC=100µA, VEB=1V
Emitter-Base Breakdown
Voltage
V(BR)EBO 5
8.75
V
IE=100µA
Collector Cut-Off Current
ICBO
0.3
10
nA
VCB=50V
Emitter Cut-Off Current
IEBO
0.3
10
nA
VEB=4V
Collector Emitter Cut-Off
Current
ICES
0.3
10
nA
VCES=50V
Collector-Emitter Saturation
Voltage
VCE(sat)
30
60
125
155
45
80
180
220
mV
mV
mV
mV
IC=0.5A, IB=10mA*
IC=1A, IB=10mA*
IC=2A, IB=10mA*
IC=4A, IB=50mA*
Base-Emitter
Saturation Voltage
VBE(sat)
890
950
mV
IC=4A, IB=50mA*
Base-Emitter Turn-On
Voltage
VBE(on)
820
900
mV
IC=4A, VCE=2V*
Static Forward Current
Transfer Ratio
hFE
250
300
300
200
35
430
450
450
350
70
1200
IC=10mA, VCE=2V*
IC=0.5A, VCE=2V*
IC=1A, VCE=2V*
IC=4A, VCE=2V*
IC=20A, VCE=2V*
Transition Frequency
fT
180
MHz
IC=50mA, VCE=10V
f=50MHz
Output Capacitance
Cobo
45
60
pF
VCB=10V, f=1MHz
Turn - On Time
ton
125
ns
IC=4A, IB=40mA, VCC=10V
Turn -Off Time
toff
380
ns
IC=4A, IB=±40mA, VCC=10V
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
ZTX1049A
100A
10A
1A
10mA 100mA
1mA
VCE(sat) v IC
IC-Collector Current
IC-Collector Current
VBE(sat) v IC
0
0.2
100mA
10mA
0.4
0.6
0.8
1.2
1.0
1.4
100A
10A
1A
hFE V IC
IC-Collector Current
1mA
100mA
10mA
100A
10A
1A
100
0
200
400
300
500
600
700
10mA
1mA
IC-Collector Current
VBE(on) v IC
100mA
1A
10A
100A
0.6
0.8
1.0
1.2
1.4
0.4
0.2
0
IC-Collector Current
VCE(sat) v IC
1mA
0
0.2
100mA
10mA
0.4
0.6
0.8
1.0
IC/IB=100
IC/IB=200
IC/IB=50
IC/IB=10
100A
10A
1A
0
1.0
0.6
0.2
0.4
0.8
100
10
1
0.1
Safe Operating Area
VCE - Collector Emitter Voltage (V)
0.1
0.1V
10V
100V
1s
DC
100ms
10ms
1ms
Singe Pulse Test Tamb = 25°C
1V
+25°C
-55°C
+25°C
+100°C
+175°C
IC/IB=100
VCE=2V
+100°C
-55°C
+25°C
IC/IB=100
-55°C
+25°C
+100°C
+175°C
-55°C
+25°C
+100°C
+175°C
VCE=2V
100µs
ZTX1049A
TYPICAL CHARACTERISTICS


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn