Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZTX1048A Datasheet(PDF) 4 Page - Zetex Semiconductors

Part No. ZTX1048A
Description  NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETEX [Zetex Semiconductors]
Homepage  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZTX1048A Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZTX1048A Datasheet HTML 1Page - Zetex Semiconductors ZTX1048A Datasheet HTML 2Page - Zetex Semiconductors ZTX1048A Datasheet HTML 3Page - Zetex Semiconductors ZTX1048A Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Zetex plc.
Fields New Road, Chadderton, Oldham, OL9-8NP, United Kingdom.
Telephone: (44)161-627 5105 (Sales), (44)161-627 4963 (General Enquiries)
Facsimile: (44)161-627 5467
Zetex GmbH
Zetex Inc.
Zetex (Asia) Ltd.
These are supported by
Streitfeldstraße 19
87 Modular Avenue
3510 Metroplaza, Tower 2
agents and distributors in
D-81673 München
Commack NY11725
Hing Fong Road, Kwai Fong
major countries world-wide
Telefon: (49) 89 45 49 49 0
Telephone: (516) 543-7100
Telephone:(852) 26100 611
©Zetex plc 1995
Fax: (49) 89 45 49 49 49
Fax: (516) 864-7630
Fax: (852) 24250 494
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied
or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or
services concerned. The Company reserves the right to alter without notice the specification, design, price or conditions of supply of any
product or service.
Transient Thermal Resistance
Pulse Width
0.1ms
20
60
100
140
180
1ms
10ms 100ms
10s
100s
1s
160
120
80
40
0
D=1(D.C)
D=0.2
D=0.1
D=0.05
D=0.5
t1
tp
D=t1
tp
Single Pulse
Derating curve
T -Temperature
(°C)
-40
0.50
0.25
1.0
0.75
0
40
80
120
200
160
SPICE PARAMETERS
*ZETEX ZTX1048A Spice model Last revision 20/01/95
*
.MODEL ZTX1048A NPN IS=13.73E-13 NF=1.0 BF=550 IKF=8.0 VAF=120
+
ISE=2.6E-13 NE=1.38 NR=1.0 BR=300 IKR=6 VAR=15
+
ISC=1.6E-12 NC=1.4 RB=0.1 RE=0.022 RC=0.010
+
CJC=136E-12 CJE=559.1E-12 MJC=0.267 MJE=0.299
+
VJC=0.420 VJE=0.533 TF=600E-12 TR=3E-9
*
© 1995 ZETEX PLC
The copyright in this model and the design embodied belong to Zetex PLC (“Zetex”). It is supplied
free of charge by Zetex for the purpose of research and design and may be used or copied intact
(including this notice) for that purpose only. All other rights are reserved. The model is believed
accurate but no condition or warranty as to its merchantability or fitness for purpose is given and
no liability in respect of any use is accepted by Zetex PLC, its distributors or agents.
NPN SILICON PLANAR MEDIUM POWER
HIGH GAIN TRANSISTOR
ISSUE 3 – FEBRUARY 1995
FEATURES
*VCEV=50V
* Very Low Saturation Voltages
*High Gain
* 20 Amps pulse current
APPLICATIONS
* LCD Backlight Convertors
* Emergency Lighting
* DC-DC Convertors
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
ZTX1048A
UNIT
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
17.5
V
Emitter-Base Voltage
VEBO
5V
Peak Pulse Current
ICM
20
A
Continuous Collector Current
IC
4A
Base Current
IB
500
mA
Power Dissipation at Tamb=25°C
Ptot
1W
Operating and Storage Temperature
Range
Tj:Tstg
-55 to +200
°C
ZTX1048A
C
B
E
E-Line
TO92 Compatible
ZTX1048A


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn