Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZTX1048A Datasheet(PDF) 3 Page - Zetex Semiconductors

Part No. ZTX1048A
Description  NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETEX [Zetex Semiconductors]
Homepage  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZTX1048A Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZTX1048A Datasheet HTML 1Page - Zetex Semiconductors ZTX1048A Datasheet HTML 2Page - Zetex Semiconductors ZTX1048A Datasheet HTML 3Page - Zetex Semiconductors ZTX1048A Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base Breakdown
Voltage
V(BR)CBO 50
85
V
IC=100µA
Collector-Emitter
Breakdown Voltage
VCES
50
85
V
IC=100µA
Collector-Emitter
Breakdown Voltage
VCEO
17.5
24
V
IC=10mA
Collector-Emitter
Breakdown Voltage
VCEV
50
85
V
IC=100µA, VEB=1V
Emitter-Base Breakdown
Voltage
V(BR)EBO 58.7
V
IE=100µA
Collector Cut-Off Current
ICBO
0.3
10
nA
VCB=35V
Emitter Cut-Off Current
IEBO
0.3
10
nA
VEB=4V
Collector Emitter Cut-Off
Current
ICES
0.3
10
nA
VCES=35V
Collector-Emitter Saturation
Voltage
VCE(sat)
27
55
110
210
45
75
150
245
mV
mV
mV
mV
IC=0.5A, IB=10mA*
IC=1A, IB=10mA*
IC=2A, IB=10mA*
IC=4A, IB=20mA*
Base-Emitter
Saturation Voltage
VBE(sat)
860
950
mV
IC=4A, IB=20mA*
Base-Emitter Turn-On
Voltage
VBE(on)
860
950
mV
IC=4A, VCE=2V*
Static Forward Current
Transfer Ratio
hFE
280
300
300
220
50
440
450
450
330
80
1200
IC=10mA, VCE=2V*
IC=0.5A, VCE=2V*
IC=1A, VCE=2V*
IC=4A, VCE=2V*
IC=20A, VCE=2V*
Transition Frequency
fT
150
MHz
IC=50mA, VCE=10V
f=50MHz
Output Capacitance
Cobo
60
80
pF
VCB=10V, f=1MHz
Switching Times
ton
120
ns
IC=4A, IB=40mA, VCC=10V
toff
250
ns
IC=4A, IB=±40mA, VCC=10V
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
ZTX1048A
ZTX1048A
10mV
100mV
1V
10V
100V
0.01
0.1
1
10
100
IC-Collector Current
IC-Collector Current
IC-Collector Current
IC-Collector Current
IC-Collector Current
hFE v IC
VBE(sat) v Ic
VBE(on) v IC
VCE(sat) v IC
VCE(sat) v IC
VCE - Collector Voltage
Safe Operating Area
Single Pulse Test Tamb=25C
DC
1s
100ms
10ms
1ms
100us
TYPICAL CHARACTERISTICS
1mA 10mA 100mA
1A
10A
10mA
1mA
100mA
1A
10A
10mA
1mA
100mA
1A
10A
10mA
1mA
100mA
1A
10A
10mA
1mA
100mA
1A
10A
100
200
300
400
500
600
700
0.2
0.4
0.6
0.8
1.0
1.2
0.8
0.6
0.4
0.2
0.2
0.4
0.6
0.8
1.0
0.8
0.6
0.4
0.2
1.4
1.2
100A
100A
100A
100A
100A
+25°C
IC/IB=50
IC/IB=100
IC/IB=200
IC/IB=100
+100°C
+175°C
+25°C
-55°C
IC/IB=100
+25°C
-55°C
+175°C
+100°C
VCE=2V
+25°C
+100°C
-55°C
VCE=2V
+25°C
-55°C
+175°C
+100°C


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn