Electronic Components Datasheet Search |
|
PTN78000WAZT Datasheet(PDF) 1 Page - Texas Instruments |
|
|
PTN78000WAZT Datasheet(HTML) 1 Page - Texas Instruments |
1 / 25 page 1 FEATURES DESCRIPTION APPLICATIONS STANDARD APPLICATION PTN78000 (Top View) 1 1 2 3 5 4 + R SET (B) 0.05 W, 1 % (Required) C I (A) Ceramic (Required) C O (A) 100 mF Electrolytic (Required) V O GND V I Inhibit GND PTN78000W, PTN78000H www.ti.com...................................................................................................................................... SLTS230C – NOVEMBER 2004 – REVISED SEPTEMBER 2008 1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR • 1.5-A Output Current • Wide-Input Voltage The PTN78000 is a series of high-efficiency, step-down Integrated Switching Regulators (ISR), (7 V to 36 V) / (15 V to 36 V) that represent the third generation in the evolution of • Wide-Output Voltage Adjust the popular 78ST100 series of products. In new (2.5 V to 12.6 V) / (11.85 V to 22 V) designs it should be considered in place of the • High Efficiency (Up to 95%) 78ST100, PT78ST100, PT5100, and PT6100 series of single in-line pin (SIP) products. The PTN78000 is • On/Off Inhibit smaller and lighter than its predecessors, and has • Undervoltage Lockout either similar or improved electrical performance • Output Current Limit characteristics. The case-less, double-sided package, also exhibits improved thermal characteristics, and is • Overtemperature Shutdown compatible with TI's roadmap for RoHS and lead-free • Operating Temperature: –40°C to 85°C compliance. • Surface Mount Package Available Operating from a wide-input voltage range, the PTN78000 provides high-efficiency, step-down voltage conversion for loads of up to 1.5 A. The • General-Purpose, Industrial Controls, output voltage is set using a single external resistor. HVAC Systems, Test and Measurement, The PTN78000W may be set to any value within the Medical Instrumentation, AC/DC Adaptors, range, 2.5 V to 12.6 V, and the PTN78000H from Vehicles, Marine, and Avionics 11.85 V to 22 V. The output voltage of the PTN78000W can be as little as 2 V lower than the input, allowing operation down to 7 V, with an output voltage of 5 V. The output voltage of the PTN78000H can be as little as 3 V lower than the input, alowing operation down to 15 V, with an output voltage of 12 V. The PTN78000 has undervoltage lockout and an integral on/off inhibit. The modules are suited to a wide variety of general-purpose applications that operate off 12-V, 24-V, or 28-VDC power. (A) See the Application Information section for capacitor recommendations. The minimum input capacitance is 2.2 µF for PTN78000W, and 9.4 µF (2 x 4.7 µF) for PTN78000H. (B) RSET is required to adjust the output voltage higher than 2.5 V for PTN78000W, and high than 11.824 V for PTN78000H. See the Application Information section for specific values. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2004–2008, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - PTN78000WAZT |
|
Similar Description - PTN78000WAZT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |