Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUC2G04YZPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUC2G04YZPR
Description  DUAL INVERTER GATE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC2G04YZPR Datasheet(HTML) 2 Page - Texas Instruments

  SN74AUC2G04YZPR Datasheet HTML 1Page - Texas Instruments SN74AUC2G04YZPR Datasheet HTML 2Page - Texas Instruments SN74AUC2G04YZPR Datasheet HTML 3Page - Texas Instruments SN74AUC2G04YZPR Datasheet HTML 4Page - Texas Instruments SN74AUC2G04YZPR Datasheet HTML 5Page - Texas Instruments SN74AUC2G04YZPR Datasheet HTML 6Page - Texas Instruments SN74AUC2G04YZPR Datasheet HTML 7Page - Texas Instruments SN74AUC2G04YZPR Datasheet HTML 8Page - Texas Instruments SN74AUC2G04YZPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SN74AUC2G04
DUAL INVERTER GATE
SCES437A – APRIL 2003 – REVISED JUNE 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
FUNCTION TABLE
(each inverter)
INPUT
A
OUTPUT
Y
H
L
L
H
logic diagram (positive logic)
1A
1Y
16
2A
2Y
34
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 3.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
–0.5 V to 3.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high-impedance or power-off state, VO
(see Note 1)
–0.5 V to 3.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
–50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0)
–50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): DBV package
165
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DCK package
258
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
YEP/YZP package
123
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.


Similar Part No. - SN74AUC2G04YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC2G04YZPR TI-SN74AUC2G04YZPR Datasheet
481Kb / 12P
[Old version datasheet]   DUAL INVERTER GATE
More results

Similar Description - SN74AUC2G04YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G04 TI-SN74LVC2G04_07 Datasheet
388Kb / 15P
[Old version datasheet]   DUAL INVERTER GATE
SN74LVC2G04-EP TI1-SN74LVC2G04-EP Datasheet
531Kb / 13P
[Old version datasheet]   DUAL INVERTER GATE
logo
Diodes Incorporated
74LVC2G04 DIODES-74LVC2G04 Datasheet
226Kb / 12P
   DUAL INVERTER GATE
logo
Texas Instruments
SN74LVC2G04 TI1-SN74LVC2G04_18 Datasheet
1Mb / 26P
[Old version datasheet]   Dual Inverter Gate
SN74LVC2G04 TI-SN74LVC2G04_10 Datasheet
635Kb / 15P
[Old version datasheet]   DUAL INVERTER GATE
SN74AUC2GU04 TI-SN74AUC2GU04 Datasheet
587Kb / 13P
[Old version datasheet]   DUAL INVERTER GATE
SN74LVC2G04 TI-SN74LVC2G04 Datasheet
366Kb / 13P
[Old version datasheet]   DUAL INVERTER GATE
SN74LVC2GU04 TI-SN74LVC2GU04 Datasheet
199Kb / 12P
[Old version datasheet]   DUAL INVERTER GATE
SN74LVC2G04 TI-SN74LVC2G04_08 Datasheet
518Kb / 14P
[Old version datasheet]   DUAL INVERTER GATE
SN74AUC2G04 TI-SN74AUC2G04 Datasheet
481Kb / 12P
[Old version datasheet]   DUAL INVERTER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com