Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHCT1G08DRLR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHCT1G08DRLR
Description  single 2-input positive-and gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT1G08DRLR Datasheet(HTML) 1 Page - Texas Instruments

  SN74AHCT1G08DRLR Datasheet HTML 1Page - Texas Instruments SN74AHCT1G08DRLR Datasheet HTML 2Page - Texas Instruments SN74AHCT1G08DRLR Datasheet HTML 3Page - Texas Instruments SN74AHCT1G08DRLR Datasheet HTML 4Page - Texas Instruments SN74AHCT1G08DRLR Datasheet HTML 5Page - Texas Instruments SN74AHCT1G08DRLR Datasheet HTML 6Page - Texas Instruments SN74AHCT1G08DRLR Datasheet HTML 7Page - Texas Instruments SN74AHCT1G08DRLR Datasheet HTML 8Page - Texas Instruments SN74AHCT1G08DRLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SN74AHCT1G08
SINGLE 2INPUT POSITIVEAND GATE
SCLS315O − MARCH 1996 − REVISED JUNE 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Operating Range of 4.5 V to 5.5 V
D Max tpd of 7.1 ns at 5 V
D Low Power Consumption, 10-µA Max ICC
D ±8-mA Output Drive at 5 V
D Inputs Are TTL-Voltage Compatible
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
3
2
4
5
1
AVCC
Y
B
GND
DBV PACKAGE
(TOP VIEW)
DCK PACKAGE
(TOP VIEW)
3
2
4
5
1
AVCC
Y
B
GND
3
2
4
5
1
AVCC
Y
B
GND
DRL PACKAGE
(TOP VIEW)
See mechanical drawings for dimensions.
description/ordering information
The SN74AHCT1G08 is a single 2-input positive-AND gate. The device performs the Boolean function
Y
+ A • Bor Y + A ) B in positive logic.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING‡
SOT (SOT-23) − DBV
Reel of 3000
SN74AHCT1G08DBVR
B08_
SOT (SOT-23) − DBV
Reel of 250
SN74AHCT1G08DBVT
B08_
−40
°C to 85°C
SOT (SC-70) − DCK
Reel of 3000
SN74AHCT1G08DCKR
BE_
−40 C to 85 C
SOT (SC-70) − DCK
Reel of 250
SN74AHCT1G08DCKT
BE_
SOT (SOT-553) − DRL
Reel of 4000
SN74AHCT1G08DRLR
BE_
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
‡ The actual top-side marking has one additional character that designates the assembly/test site.
FUNCTION TABLE
INPUTS
OUTPUT
A
B
OUTPUT
Y
H
H
H
L
XL
X
L
L
logic diagram (positive logic)
1
2
4
A
B
Y
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN74AHCT1G08DRLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G08DRLR TI-SN74AHCT1G08DRLR Datasheet
572Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08DRLR TI1-SN74AHCT1G08DRLR Datasheet
1Mb / 26P
[Old version datasheet]   Single 2-Input Positive-AND Gate
More results

Similar Description - SN74AHCT1G08DRLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G08 TI-SN74AHCT1G08 Datasheet
69Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74LVC1G08 DIODES-74LVC1G08 Datasheet
199Kb / 11P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev. 1 - 2
74LVC1G08_1010 DIODES-74LVC1G08_1010 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev 2 - 2
logo
Texas Instruments
SN74AUC1G08 TI-SN74AUC1G08 Datasheet
460Kb / 14P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08 TI-SN74LVC1G08_07 Datasheet
597Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08-Q1 TI1-SN74LVC1G08-Q1 Datasheet
342Kb / 11P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHC1G08-Q1 TI-SN74AHC1G08-Q1 Datasheet
276Kb / 8P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_2 Datasheet
572Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74AHCT1G08 DIODES-74AHCT1G08 Datasheet
179Kb / 8P
   SINGLE 2 INPUT POSITIVE AND GATE
74LVCE1G08W5-7 DIODES-74LVCE1G08W5-7 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com