Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP1G14 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74AUP1G14
Description  LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G14 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AUP1G14_10 Datasheet HTML 3Page - Texas Instruments SN74AUP1G14_10 Datasheet HTML 4Page - Texas Instruments SN74AUP1G14_10 Datasheet HTML 5Page - Texas Instruments SN74AUP1G14_10 Datasheet HTML 6Page - Texas Instruments SN74AUP1G14_10 Datasheet HTML 7Page - Texas Instruments SN74AUP1G14_10 Datasheet HTML 8Page - Texas Instruments SN74AUP1G14_10 Datasheet HTML 9Page - Texas Instruments SN74AUP1G14_10 Datasheet HTML 10Page - Texas Instruments SN74AUP1G14_10 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
VM
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
1 M
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VI
0 V
Input
Output
Output
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr/tf = 3 ns.
C. The outputs are measured one at a time, with one transition per measurement.
D. tPLH and tPHL are the same as tpd.
E. All parameters and waveforms are not applicable to all devices.
VM
VM
VM
VM
VM
5, 10, 15, 30 pF
VCC/2
VCC
VCC = 1.2 V
± 0.1 V
VCC = 0.8 V
VCC = 1.5 V
± 0.1 V
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
5, 10, 15, 30 pF
VCC/2
VCC
5, 10, 15, 30 pF
VCC/2
VCC
5, 10, 15, 30 pF
VCC/2
VCC
CL
VM
VI
5, 10, 15, 30 pF
VCC/2
VCC
5, 10, 15, 30 pF
VCC/2
VCC
th
tsu
Data Input
Timing Input
VCC
0 V
VCC
0 V
0 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PULSE DURATION
VCC/2
VCC/2
VCC/2
VCC/2
VCC
VCC/2
SN74AUP1G14
www.ti.com
SCES578I – JUNE 2003 – REVISED MAY 2010
PARAMETER MEASUREMENT INFORMATION
(Propagation Delays, Setup and Hold Times, and Pulse Width)
Figure 3. Load Circuit and Voltage Waveforms
Copyright © 2003–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SN74AUP1G14


Similar Part No. - SN74AUP1G14_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G14_101 TI-SN74AUP1G14_101 Datasheet
978Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
More results

Similar Description - SN74AUP1G14_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G14_101 TI-SN74AUP1G14_101 Datasheet
978Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
SN74AUP1G14 TI-SN74AUP1G14 Datasheet
194Kb / 11P
[Old version datasheet]   LOW POWER SINGLE SCHMITT TRIGGER INVERTER
SN74AUP1G14_017 TI1-SN74AUP1G14_017 Datasheet
1Mb / 39P
[Old version datasheet]   Low-Power Single Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74AUP1G14 UTC-U74AUP1G14 Datasheet
157Kb / 5P
   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
logo
Texas Instruments
SN74AUP1G14 TI1-SN74AUP1G14_17 Datasheet
1Mb / 36P
[Old version datasheet]   SN74AUP1G14 Low-Power Single Schmitt-Trigger Inverter
logo
NXP Semiconductors
74AUP1G14 NXP-74AUP1G14 Datasheet
112Kb / 19P
   Low-power Schmitt trigger inverter
Rev. 03-8 July 2009
logo
Nexperia B.V. All right...
74AXP1G14 NEXPERIA-74AXP1G14 Datasheet
228Kb / 16P
   Low-power Schmitt trigger inverter
74AUP1G14 NEXPERIA-74AUP1G14 Datasheet
311Kb / 21P
   Low-power Schmitt trigger inverter
Rev. 10 - 14 January 2022
logo
NXP Semiconductors
74AUP1G14 PHILIPS-74AUP1G14_15 Datasheet
443Kb / 24P
   Low-power Schmitt trigger inverter
Rev. 6-28 June 2012
74AUP1G14 PHILIPS-74AUP1G14 Datasheet
101Kb / 20P
   Low-power Schmitt-trigger inverter
Rev. 01-20 July 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com