Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD20P Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD20P
Description  Extended Common-Mode RS-485 Transceivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD20P Datasheet(HTML) 5 Page - Texas Instruments

  SN65HVD20P Datasheet HTML 1Page - Texas Instruments SN65HVD20P Datasheet HTML 2Page - Texas Instruments SN65HVD20P Datasheet HTML 3Page - Texas Instruments SN65HVD20P Datasheet HTML 4Page - Texas Instruments SN65HVD20P Datasheet HTML 5Page - Texas Instruments SN65HVD20P Datasheet HTML 6Page - Texas Instruments SN65HVD20P Datasheet HTML 7Page - Texas Instruments SN65HVD20P Datasheet HTML 8Page - Texas Instruments SN65HVD20P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
SN65HVD20, SN65HVD21
SN65HVD22, SN65HVD23, SN65HVD24
www.ti.com
SLLS552E – DECEMBER 2002 – REVISED MAY 2010
DRIVER SWITCHING CHARACTERISTICS
over recommended operating conditions
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
tPLH
Differential output propagation delay, low-to-high
HVD20, HVD23
6
10
20
RL = 54 Ω,
CL = 50 pF,
HVD21, HVD24
20
32
60
ns
tPHL
Differential output propagation delay, high-to-low
See Figure 3
HVD22
160
280
500
tr
Differential output rise time
HVD20, HVD23
2
6
12
RL = 54 Ω,
CL = 50 pF,
HVD21, HVD24
20
40
60
ns
tf
Differential output fall time
See Figure 3
HVD22
200
400
600
tPZH
Propagation delay time, high-impedance-to-high-level output
HVD20, HVD23
40
RE at 0 V,
HVD21, HVD24
100
ns
See Figure 6
tPHZ
Propagation delay time, high-level output-to-high-impedance
HVD22
300
HVD20, HVD23
40
tPZL
Propagation delay time, high-impedance-to-high-level output
RE at 0 V,
HVD21, HVD24
100
ns
See Figure 7
tPLZ
Propagation delay time, high-level output-to-high-impedance
HVD22
300
td(standby)
Time from an active differential output to standby
2
µs
RE at VCC, See Figure 8
td(wake)
Wake-up time from standby to an active differential output
8
µs
HVD20, HVD23
2
tsk(p )
Pulse skew | tPLH – tPHL|
HVD21, HVD24
6
ns
HVD22
50
(1)
All typical values are at VCC = 5 V and 25°C
RECEIVER ELECTRICAL CHARACTERISTICS
over recommended operating conditions
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIT(+)
Positive-going differential input voltage threshold
VO = 2.4 V, IO = –8 mA
60
200
See Figure 10
mV
VIT(–)
Negative-going differential input voltage threshold
VO = 0.4 V, IO = 8 mA
–200
–60
VHYS
Hysteresis voltage (VIT+ – VIT–)
100
130
mV
VCM =
−7 V to 12 V
40
120
200
Positive-going differential input failsafe voltage
VIT(F+)
See Figure 15
mV
threshold
VCM =
−20 V to 25 V
120
250
VCM =
−7 V to 12 V
–200
–120
−40
Negative-going differential input failsafe voltage
VIT(F–)
See Figure 15
mV
threshold
VCM =
−20 V to 25 V
–250
–120
VIK
Input clamp voltage
II = –18 mA
–1.5
V
VOH
High-level output voltage
VID = 200 mV, IOH = −8 mA, See Figure 11
4
V
VOL
Low-level output voltage
VID = –200 mV, IOL = 8 mA, See Figure 11
0.4
V
HVD20, HVD23
–400
500
VI = –7 to 12 V,
Other input = 0 V
HVD21, HVD22, HVD24
–100
125
II(BUS)
Bus input current (power on or power off)
µA
HVD20, HVD23
–800
1000
VI = −20 to 25 V,
Other input = 0 V
HVD21, HVD22, HVD24
–200
250
II
Input current
RE
–100
100
µA
HVD20, HVD23
24
RI
Input resistanceInput resistance
k
Ω
HVD21, HVD22, HVD24
96
CID
Differential input capacitance
20
pF
VID = 0.5 + 0.4 sine (2p × 1.5 × 10
6t)
(1)
All typical values are at 25°C.
Copyright © 2002–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN65HVD20 SN65HVD21 SN65HVD22 SN65HVD23 SN65HVD24


Similar Part No. - SN65HVD20P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD20P TI-SN65HVD20P Datasheet
527Kb / 25P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20P TI-SN65HVD20P Datasheet
581Kb / 28P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20P TI-SN65HVD20P Datasheet
785Kb / 30P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD20PE4 TI-SN65HVD20PE4 Datasheet
581Kb / 28P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20PE4 TI-SN65HVD20PE4 Datasheet
785Kb / 30P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
More results

Similar Description - SN65HVD20P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD21M-EP TI1-SN65HVD21M-EP Datasheet
617Kb / 21P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20 TI-SN65HVD20_07 Datasheet
581Kb / 28P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20_101 TI-SN65HVD20_101 Datasheet
785Kb / 30P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD20 TI-SN65HVD20 Datasheet
527Kb / 25P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD1785_101 TI-SN65HVD1785_101 Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1785 TI-SN65HVD1785_10 Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
logo
FutureWafer Tech Co.,Lt...
FM712 FUTUREWAFER-FM712 Datasheet
946Kb / 5P
   For extended common-mode RS-485
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com