Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GS-1750R Datasheet(PDF) 43 Page - Analog Devices

Part No. GS-1750R
Description  ADSP-BF506F EZ-KIT Lite® Evaluation System Manual
Download  75 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

GS-1750R Datasheet(HTML) 43 Page - Analog Devices

Back Button GS-1750R Datasheet HTML 39Page - Analog Devices GS-1750R Datasheet HTML 40Page - Analog Devices GS-1750R Datasheet HTML 41Page - Analog Devices GS-1750R Datasheet HTML 42Page - Analog Devices GS-1750R Datasheet HTML 43Page - Analog Devices GS-1750R Datasheet HTML 44Page - Analog Devices GS-1750R Datasheet HTML 45Page - Analog Devices GS-1750R Datasheet HTML 46Page - Analog Devices GS-1750R Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 75 page
background image
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
2-9
ADSP-BF506F EZ-KIT Lite Hardware Reference
Push Button Enable Switch (SW3)
The push button enable switch (SW3) disconnects the associated push but-
ton circuit from the general-purpose I/O (GPIO) pins of the processor
and allows the signals to be used on the expansion interface.
ADC Enable Switch (SW4)
The ADC enable switch (SW4) disconnects the ADC from the SPORT1
interface of the processor and allows the ADC signals to be used on the
SD connector or the expansion interface.
CAN Enable Switch (SW5)
The CAN enable switch (SW5) disconnects the CAN transceiver from the
processor and allows the CAN signals to be used on the expansion
interface.
Reset Push Button (SW6)
The reset push button (SW6) resets the processor via a hardware reset. The
reset push button does not reset the on-board debug agent. The only way
to reset the debug agent is to cycle power.
6
Reserved
7
Boots through UART0 slave from host device
Table 2-5. Boot Mode Select Switch (SW2) (Cont’d)
SW2 Position
Processor Boot Mode


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn