Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN4R0-30YL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PSMN4R0-30YL
Description  N-channel TrenchMOS logic level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN4R0-30YL Datasheet(HTML) 2 Page - NXP Semiconductors

  PSMN4R0-30YL Datasheet HTML 1Page - NXP Semiconductors PSMN4R0-30YL Datasheet HTML 2Page - NXP Semiconductors PSMN4R0-30YL Datasheet HTML 3Page - NXP Semiconductors PSMN4R0-30YL Datasheet HTML 4Page - NXP Semiconductors PSMN4R0-30YL Datasheet HTML 5Page - NXP Semiconductors PSMN4R0-30YL Datasheet HTML 6Page - NXP Semiconductors PSMN4R0-30YL Datasheet HTML 7Page - NXP Semiconductors PSMN4R0-30YL Datasheet HTML 8Page - NXP Semiconductors PSMN4R0-30YL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
PSMN4R0-30YL_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 31 December 2009
2 of 14
NXP Semiconductors
PSMN4R0-30YL
N-channel TrenchMOS logic level FET
2.
Pinning information
3.
Ordering information
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1S
source
SOT669 (LFPAK)
2S
source
3S
source
4G
gate
mb
D
mounting base; connected to
drain
mb
1234
S
D
G
mbb076
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PSMN4R0-30YL
LFPAK
plastic single-ended surface-mounted package (LFPAK); 4 leads
SOT669


Similar Part No. - PSMN4R0-30YL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN4R0-30YL NXP-PSMN4R0-30YL Datasheet
185Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-10 September 2008
PSMN4R0-30YL PHILIPS-PSMN4R0-30YL Datasheet
1Mb / 8P
   NextPower MOSFETs
May 2011
logo
Nexperia B.V. All right...
PSMN4R0-30YL NEXPERIA-PSMN4R0-30YL Datasheet
824Kb / 14P
   N-channel 30 V 4 mΩ logic level MOSFET in LFPAK
Rev. 04 - 10 March 2011
PSMN4R0-30YLD NEXPERIA-PSMN4R0-30YLD Datasheet
781Kb / 13P
   N-channel 30 V, 4.0 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
logo
NXP Semiconductors
PSMN4R0-30YLD PHILIPS-PSMN4R0-30YLD_15 Datasheet
369Kb / 13P
   N-channel 30 V, 4.0 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
10 October 2013
More results

Similar Description - PSMN4R0-30YL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com