Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN3R0-30YL Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PSMN3R0-30YL
Description  N-channel TrenchMOS logic level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN3R0-30YL Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PSMN3R0-30YL_09 Datasheet HTML 6Page - NXP Semiconductors PSMN3R0-30YL_09 Datasheet HTML 7Page - NXP Semiconductors PSMN3R0-30YL_09 Datasheet HTML 8Page - NXP Semiconductors PSMN3R0-30YL_09 Datasheet HTML 9Page - NXP Semiconductors PSMN3R0-30YL_09 Datasheet HTML 10Page - NXP Semiconductors PSMN3R0-30YL_09 Datasheet HTML 11Page - NXP Semiconductors PSMN3R0-30YL_09 Datasheet HTML 12Page - NXP Semiconductors PSMN3R0-30YL_09 Datasheet HTML 13Page - NXP Semiconductors PSMN3R0-30YL_09 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
PSMN3R0-30YL_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 28 December 2009
11 of 14
NXP Semiconductors
PSMN3R0-30YL
N-channel TrenchMOS logic level FET
8.
Revision history
Table 7.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PSMN3R0-30YL_3
20091228
Product data sheet
-
PSMN3R0-30YL_2
Modifications:
Various changes to content.
PSMN3R0-30YL_2
20090105
Product data sheet
-
PSMN3R0-30YL_1
PSMN3R0-30YL_1
20080909
Preliminary data sheet
-
-


Similar Part No. - PSMN3R0-30YL_09

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN3R0-30YLD NEXPERIA-PSMN3R0-30YLD Datasheet
728Kb / 13P
   N-channel 30 V, 3.0 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
logo
NXP Semiconductors
PSMN3R0-30YLD PHILIPS-PSMN3R0-30YLD_15 Datasheet
294Kb / 13P
   N-channel 30 V, 3.0 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
18 February 2014
More results

Similar Description - PSMN3R0-30YL_09

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com