Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN1R7-30YL Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PSMN1R7-30YL
Description  N-channel 30 V 1.7 m廓 logic level MOSFET in LFPAK
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN1R7-30YL Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PSMN1R7-30YL_10 Datasheet HTML 4Page - NXP Semiconductors PSMN1R7-30YL_10 Datasheet HTML 5Page - NXP Semiconductors PSMN1R7-30YL_10 Datasheet HTML 6Page - NXP Semiconductors PSMN1R7-30YL_10 Datasheet HTML 7Page - NXP Semiconductors PSMN1R7-30YL_10 Datasheet HTML 8Page - NXP Semiconductors PSMN1R7-30YL_10 Datasheet HTML 9Page - NXP Semiconductors PSMN1R7-30YL_10 Datasheet HTML 10Page - NXP Semiconductors PSMN1R7-30YL_10 Datasheet HTML 11Page - NXP Semiconductors PSMN1R7-30YL_10 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
PSMN1R7-30YL
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 20 April 2010
8 of 16
NXP Semiconductors
PSMN1R7-30YL
N-channel 30 V 1.7 m
Ω logic level MOSFET in LFPAK
Fig 8.
Forward transconductance as a function of
drain current; typical values
Fig 9.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Fig 10. Input and reverse transfer capacitances as a
function of gate-source voltage; typical values
Fig 11. Drain-source on-state resistance as a function
of gate-source voltage; typical values
003aac452
0
50
100
150
200
0
20
406080
ID (A)
gfs
(S)
003aac453
0
20
40
60
80
012
34
VGS (V)
ID
(A)
Tj = 150
°C
25
°C
003aac455
0
2000
4000
6000
8000
24
68
10
VGS (V)
C
(pF)
Ciss
Crss
003aac451
1.0
1.5
2.0
2.5
3.0
246
8
10
VGS (V)
RDSon
(m
Ω)


Similar Part No. - PSMN1R7-30YL_10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN1R7-30YL NXP-PSMN1R7-30YL_11 Datasheet
305Kb / 15P
   N-channel 30 V 1.7 m廓 logic level MOSFET in LFPAK
Rev. 1-30 May 2011
More results

Similar Description - PSMN1R7-30YL_10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN1R7-30YL NXP-PSMN1R7-30YL_11 Datasheet
305Kb / 15P
   N-channel 30 V 1.7 m廓 logic level MOSFET in LFPAK
Rev. 1-30 May 2011
logo
Nexperia B.V. All right...
PSMN1R7-30YL NEXPERIA-PSMN1R7-30YL Datasheet
913Kb / 15P
   N-channel 30 V 1.7 mΩ logic level MOSFET in LFPAK
Rev. 1 - 30 May 2011
logo
NXP Semiconductors
PSMN1R6-30PL NXP-PSMN1R6-30PL Datasheet
233Kb / 13P
   N-channel 30 V 1.7 m廓 logic level MOSFET
Rev. 02-25 June 2009
PSMN1R6-30PL127 NXP-PSMN1R6-30PL127 Datasheet
233Kb / 13P
   N-channel 30 V 1.7 m廓 logic level MOSFET
Rev. 02-25 June 2009
PSMN1R3-30YL NXP-PSMN1R3-30YL Datasheet
221Kb / 14P
   N-channel 30 V 1.3 m廓 logic level MOSFET in LFPAK
Rev. 02-25 June 2009
PSMN1R5-30YL NXP-PSMN1R5-30YL Datasheet
428Kb / 15P
   N-channel 30 V 1.5 m廓 logic level MOSFET in LFPAK
Rev. 01-9 April 2010
logo
Nexperia B.V. All right...
PSMN2R0-30YLE NEXPERIA-PSMN2R0-30YLE Datasheet
738Kb / 13P
   N-channel 30 V 2 m廓 logic level MOSFET in LFPAK
logo
NXP Semiconductors
PSMN2R5-30YL NXP-PSMN2R5-30YL_11 Datasheet
417Kb / 14P
   N-channel 30 V 2.4 m廓 logic level MOSFET in LFPAK
Rev. 04-10 March 2011
PSMN2R0-30YL NXP-PSMN2R0-30YL_11 Datasheet
247Kb / 14P
   N-channel 30 V 2 m廓 logic level MOSFET in LFPAK
Rev. 4-10 March 2011
PSMN2R0-30YLE PHILIPS-PSMN2R0-30YLE_15 Datasheet
229Kb / 13P
   -channel 30 V 2 m廓 logic level MOSFET in LFPAK
12 October 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com