Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS71733 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS71733
Description  Medium Integrated Power Solution Using a Dual DC/DC Converter and an LDO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS71733 Datasheet(HTML) 5 Page - Texas Instruments

  TPS71733 Datasheet HTML 1Page - Texas Instruments TPS71733 Datasheet HTML 2Page - Texas Instruments TPS71733 Datasheet HTML 3Page - Texas Instruments TPS71733 Datasheet HTML 4Page - Texas Instruments TPS71733 Datasheet HTML 5Page - Texas Instruments TPS71733 Datasheet HTML 6Page - Texas Instruments TPS71733 Datasheet HTML 7Page - Texas Instruments TPS71733 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.ti.com
Features
Proper sequencing is ensured in the design with the use of a NPN transistor and a N-channel MOSFET.
As required, Core 1.2 V at 600 mA comes first , which in turn pulls up the gate of a N-channel MOSFET to
3.3 V with the use of a NPN transistor. Then 1.2 V + VRTC at 251 mA comes up. This 1.2 V further
enables the DCDC1 and sequentially 1.8 V comes up, which again enables an LDO to give 3.3 V at 115
mA.
(1)
Use three such LDOs to power up DVDDA, DVDDB, and DVDDC. (It can be either 1.8 V or 3.3 V.)
(2)
Rx = 0.499 M
Ω, Ry = 1 MΩ for Vout = 1.8 V
(3)
Rx = 1.8 M
Ω, Ry = 1 MΩ for Vout = 3.3 V
(4)
For proper sequencing of output, enable of the LDOs are fed either from a 1.2-V output from TPS62420
DCDC2 if DVDDX is 1.8 V or from a 1.8-V output from TPS62420 DCDC1 if DVDDX is 3.3 V.
Figure 2. Optional Circuit for DVDD_A, DVDD_B and DVDD_C
5
SLVA343A – June 2009 – Revised May 2010
Medium Integrated Power Solution Using a Dual DC/DC Converter and an LDO
Copyright © 2009–2010, Texas Instruments Incorporated


Similar Part No. - TPS71733

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71733 TI-TPS71733 Datasheet
166Kb / 9P
[Old version datasheet]   High-Efficiency Power Solution Using DC/DC Converter With DVFS
TPS71733DCKR TI-TPS71733DCKR Datasheet
818Kb / 24P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71733DCKR TI-TPS71733DCKR Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71733DCKR TI-TPS71733DCKR Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71733DCKR TI-TPS71733DCKR Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
More results

Similar Description - TPS71733

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54122 TI1-TPS54122 Datasheet
2Mb / 40P
[Old version datasheet]   Dual-Output, 3-A, QuietSupply With Integrated DC-DC Converter and Low-Noise LDO
SLVA341A TI-SLVA341A Datasheet
166Kb / 9P
[Old version datasheet]   High-Efficiency Power Solution Using DC/DC Converter With DVFS
TPS54122RHLT TI1-TPS54122RHLT Datasheet
2Mb / 30P
[Old version datasheet]   Dual-Output 3-A Quiet Supply with Integrated DC-DC Converter and Low-Noise LDO
TPS54122-Q1 TI-TPS54122-Q1_15 Datasheet
2Mb / 40P
[Old version datasheet]   TPS54122-Q1 Dual-Output, 3-A, QuietSupply??with Integrated DC-DC Converter and Low-Noise LDO
SLVA339A TI-SLVA339A Datasheet
253Kb / 9P
[Old version datasheet]   High-Vin, High-Efficiency Power Solution Using DC/DC Converter With DVFS
logo
Linear Technology
LTC3100 LINER-LTC3100_15 Datasheet
409Kb / 26P
   1.5MHz Synchronous Dual Channel DC/DC Converter and 100mA LDO
LTC3100 LINER-LTC3100 Datasheet
411Kb / 24P
   1.5MHz Synchronous Dual Channel DC/DC Converter and 100mA LDO
logo
Analog Devices
ADUM5010 AD-ADUM5010 Datasheet
476Kb / 16P
   The ADuM50101 is an integrated, isolated dc-to-dc converter.
REV. A
logo
Linear Technology
LTC3105EDD LINER-LTC3105EDD Datasheet
230Kb / 6P
   DC/DC Converter with Power Point Control and LDO Regulator
logo
Semtech Corporation
SC1186 SEMTECH-SC1186_04 Datasheet
234Kb / 15P
   Programmable Synchronous DC/DC Converter, Dual LDO Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com