Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KT11P2JM Datasheet(PDF) 8 Page - Texas Instruments

Part No. KT11P2JM
Description  High-Integration, High-Efficiency Power Solution Using DC/DC Converters With DVFS
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

KT11P2JM Datasheet(HTML) 8 Page - Texas Instruments

  KT11P2JM Datasheet HTML 1Page - Texas Instruments KT11P2JM Datasheet HTML 2Page - Texas Instruments KT11P2JM Datasheet HTML 3Page - Texas Instruments KT11P2JM Datasheet HTML 4Page - Texas Instruments KT11P2JM Datasheet HTML 5Page - Texas Instruments KT11P2JM Datasheet HTML 6Page - Texas Instruments KT11P2JM Datasheet HTML 7Page - Texas Instruments KT11P2JM Datasheet HTML 8Page - Texas Instruments KT11P2JM Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1k
10k
I
-OutputCurrent-mA
O
T =25°C
V
=1.8V
PWM/PFMMode
A
O
V =4.2V
I
V =2.5V
I
V =3.6V
I
V =5V
I
List of Material
www.ti.com
Figure 6. DCDC3: Efficiency vs Output Current
8
High-Integration, High-Efficiency Power Solution Using DC/DC Converters With
SLVA340A – June 2009 – Revised May 2010
DVFS
Copyright © 2009–2010, Texas Instruments Incorporated


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn