Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KT11P2JM Datasheet(PDF) 6 Page - Texas Instruments

Part No. KT11P2JM
Description  High-Integration, High-Efficiency Power Solution Using DC/DC Converters With DVFS
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

KT11P2JM Datasheet(HTML) 6 Page - Texas Instruments

  KT11P2JM Datasheet HTML 1Page - Texas Instruments KT11P2JM Datasheet HTML 2Page - Texas Instruments KT11P2JM Datasheet HTML 3Page - Texas Instruments KT11P2JM Datasheet HTML 4Page - Texas Instruments KT11P2JM Datasheet HTML 5Page - Texas Instruments KT11P2JM Datasheet HTML 6Page - Texas Instruments KT11P2JM Datasheet HTML 7Page - Texas Instruments KT11P2JM Datasheet HTML 8Page - Texas Instruments KT11P2JM Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
List of Material
www.ti.com
Table 1. PMP4977 List of Material (continued)
Count
RefDes
Value
Description
Size
Part Number
MFR
Area
1
L3
2.2 mH
Inductor, SMT, 1.5A, 87 m
0.137 X 0.147 inch
VLF4012AT-2R2M1R5
TDK
29320
4
Q1
2N3904
Transistor, NPN, 40V, 200mA, 625mW
TO-92
2N3904
Fairchild
37800
Q2
2N3904
Transistor, NPN, 40V, 200mA, 625mW
TO-92
2N3904
Fairchild
37800
Q3
2N3904
Transistor, NPN, 40V, 200mA, 625mW
TO-92
2N3904
Fairchild
37800
Q4
2N3904
Transistor, NPN, 40V, 200mA, 625mW
TO-92
2N3904
Fairchild
37800
4
R1
10k
Resistor, Chip, 1/16W, 1%
603
CRCW0603-xxxx-F
Vishay
9100
R2
10k
Resistor, Chip, 1/16W, 1%
603
CRCW0603-xxxx-F
Vishay
9100
R3
10k
Resistor, Chip, 1/16W, 1%
603
CRCW0603-xxxx-F
Vishay
9100
R4
10k
Resistor, Chip, 1/16W, 1%
603
CRCW0603-xxxx-F
Vishay
9100
2
R5
100k
Resistor, Chip, 1/16W, 1%
603
CRCW0603-xxxx-F
Vishay
9100
R6
100k
Resistor, Chip, 1/16W, 1%
603
CRCW0603-xxxx-F
Vishay
9100
5
R7
100k
Resistor, Chip, 1/16W, 1%
603
Std
Std
9100
1
R8
10
Resistor, Chip, 1/16W, 1%
603
Std
Std
9100
1
R9
1.65M
Resistor, Chip, 1/16W, 1%
603
Std
Std
9100
1
R10
499k
Resistor, Chip, 1/16W, 1%
603
Std
Std
9100
1
R11
49.9k
Resistor, Chip, 1/16W, 1%
603
Std
Std
9100
R12
100k
Resistor, Chip, 1/16W, 1%
603
Std
Std
9100
R13
100k
Resistor, Chip, 1/16W, 1%
603
Std
Std
9100
R14
100k
Resistor, Chip, 1/16W, 1%
603
Std
Std
9100
R15
100k
Resistor, Chip, 1/16W, 1%
603
Std
Std
9100
2
R16
4.75k
Resistor, Chip, 1/16W, 1%
603
Std
Std
9100
R17
4.75k
Resistor, Chip, 1/16W, 1%
603
Std
Std
9100
2
R18
1M
Resistor, Chip, 1/16W, 1%
603
Std
Std
9100
R19
1M
Resistor, Chip, 1/16W, 1%
603
Std
Std
9100
1
SW1
KT11P2JM
Switch, SPST, PB Momentary, Sealed
0.245 X 0.251
KT11P2JM
C & K
111,600
Washable
1
U1
TPS65023RSB
IC, Power Management IC for Li-Ion
QFN
TPS65023RSB
TI
69696
Powered Systems
Notes: 1. These assemblies are ESD sensitive, ESD precautions shall be observed.
2. These assemblies must be clean and free from flux and all contaminants.
Use of no clean flux is not acceptable.
3. These assemblies must comply with workmanship standards IPC-A-610 Class 2.
4. Ref designators marked with an asterisk ('**') cannot be substituted.
All other components can be substituted with equivalent MFG's components.
6
High-Integration, High-Efficiency Power Solution Using DC/DC Converters With
SLVA340A – June 2009 – Revised May 2010
DVFS
Copyright © 2009–2010, Texas Instruments Incorporated


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn