Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC1111FHN33/101 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LPC1111FHN33/101
Description  32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1111FHN33/101 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LPC1111FHN33/101 Datasheet HTML 5Page - NXP Semiconductors LPC1111FHN33/101 Datasheet HTML 6Page - NXP Semiconductors LPC1111FHN33/101 Datasheet HTML 7Page - NXP Semiconductors LPC1111FHN33/101 Datasheet HTML 8Page - NXP Semiconductors LPC1111FHN33/101 Datasheet HTML 9Page - NXP Semiconductors LPC1111FHN33/101 Datasheet HTML 10Page - NXP Semiconductors LPC1111FHN33/101 Datasheet HTML 11Page - NXP Semiconductors LPC1111FHN33/101 Datasheet HTML 12Page - NXP Semiconductors LPC1111FHN33/101 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
LPC1111_12_13_14_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 16 April 2010
9 of 59
NXP Semiconductors
LPC1111/12/13/14
32-bit ARM Cortex-M0 microcontroller
PIO1_0 to PIO1_11
I/O
Port 1 — Port 1 is a 12-bit I/O port with individual direction and function
controls for each bit. The operation of port 1 pins depends on the function
selected through the IOCONFIG register block.
R/PIO1_0/
AD1/CT32B1_CAP0
33[4]
I
R — Reserved. Configure for an alternate function in the IOCONFIG block.
I/O
PIO1_0 — General purpose digital input/output pin.
I
AD1 — A/D converter, input 1.
I
CT32B1_CAP0 — Capture input 0 for 32-bit timer 1.
R/PIO1_1/
AD2/CT32B1_MAT0
34[4]
O
R — Reserved. Configure for an alternate function in the IOCONFIG block.
I/O
PIO1_1 — General purpose digital input/output pin.
I
AD2 — A/D converter, input 2.
O
CT32B1_MAT0 — Match output 0 for 32-bit timer 1.
R/PIO1_2/
AD3/CT32B1_MAT1
35[4]
I
R — Reserved. Configure for an alternate function in the IOCONFIG block.
I/O
PIO1_2 — General purpose digital input/output pin.
I
AD3 — A/D converter, input 3.
O
CT32B1_MAT1 — Match output 1 for 32-bit timer 1.
SWDIO/PIO1_3/AD4/
CT32B1_MAT2
39[4]
I/O
SWDIO — Serial wire debug input/output.
I/O
PIO1_3 — General purpose digital input/output pin.
I
AD4 — A/D converter, input 4.
O
CT32B1_MAT2 — Match output 2 for 32-bit timer 1.
PIO1_4/AD5/
CT32B1_MAT3/WAKEUP
40[4]
I/O
PIO1_4 — General purpose digital input/output pin.
I
AD5 — A/D converter, input 5.
O
CT32B1_MAT3 — Match output 3 for 32-bit timer 1.
I
WAKEUP — Deep power-down mode wake-up pin. This pin must be pulled
HIGH externally to enter Deep power-down mode and pulled LOW to exit
Deep power-down mode.
PIO1_5/RTS/
CT32B0_CAP0
45[2]
I/O
PIO1_5 — General purpose digital input/output pin.
O
RTS — Request To Send output for UART.
I
CT32B0_CAP0 — Capture input 0 for 32-bit timer 0.
PIO1_6/RXD/
CT32B0_MAT0
46[2]
I/O
PIO1_6 — General purpose digital input/output pin.
I
RXD — Receiver input for UART.
O
CT32B0_MAT0 — Match output 0 for 32-bit timer 0.
PIO1_7/TXD/
CT32B0_MAT1
47[2]
I/O
PIO1_7 — General purpose digital input/output pin.
O
TXD — Transmitter output for UART.
O
CT32B0_MAT1 — Match output 1 for 32-bit timer 0.
PIO1_8/CT16B1_CAP0
9[2]
I/O
PIO1_8 — General purpose digital input/output pin.
I
CT16B1_CAP0 — Capture input 0 for 16-bit timer 1.
PIO1_9/CT16B1_MAT0
17[2]
I/O
PIO1_9 — General purpose digital input/output pin.
O
CT16B1_MAT0 — Match output 0 for 16-bit timer 1.
PIO1_10/AD6/
CT16B1_MAT1
30[4]
I/O
PIO1_10 — General purpose digital input/output pin.
I
AD6 — A/D converter, input 6.
O
CT16B1_MAT1 — Match output 1 for 16-bit timer 1.
Table 3.
LPC1113/14 pin description table (LQFP48 package) …continued
Symbol
Pin
Type
Description


Similar Part No. - LPC1111FHN33/101

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1111FHN33/101 NXP-LPC1111FHN33/101 Datasheet
1Mb / 2P
   Cortex-M0 based microcontrollers with industry-leading power and efficiency
January 2010
More results

Similar Description - LPC1111FHN33/101

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1111 NXP-LPC1111_11 Datasheet
621Kb / 64P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 5-22 June 2011
LPC1102_1106 NXP-LPC1102_1106 Datasheet
301Kb / 39P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 4-24 June 2011
LPC1102 NXP-LPC1102_V01 Datasheet
683Kb / 43P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 7-26 September 2013
LPC1102 NXP-LPC1102_11 Datasheet
292Kb / 39P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 3-18 April 2011
LPC1102 NXP-LPC1102 Datasheet
255Kb / 38P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 00.04-23 June 2010
LPC122X NXP-LPC122X Datasheet
1Mb / 60P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
Rev. 1.1-21 February 2011
LPC122X_1108 NXP-LPC122X_1108 Datasheet
513Kb / 61P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
Rev. 2-26 August 2011
LPC11C24FBD48301 NXP-LPC11C24FBD48301 Datasheet
327Kb / 62P
   32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 3.1-15 May 2013
LPC11C12 NXP-LPC11C12 Datasheet
310Kb / 49P
   32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 00.05-6 May 2010
LPC11CX2 NXP-LPC11CX2 Datasheet
1Mb / 61P
   32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM C_CAN
Rev. 2-3 December 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com