Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLVA371A Datasheet(PDF) 1 Page - Texas Instruments

Part # SLVA371A
Description  Powering Freon with TPS65070
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLVA371A Datasheet(HTML) 1 Page - Texas Instruments

  SLVA371A Datasheet HTML 1Page - Texas Instruments SLVA371A Datasheet HTML 2Page - Texas Instruments SLVA371A Datasheet HTML 3Page - Texas Instruments SLVA371A Datasheet HTML 4Page - Texas Instruments SLVA371A Datasheet HTML 5Page - Texas Instruments SLVA371A Datasheet HTML 6Page - Texas Instruments SLVA371A Datasheet HTML 7Page - Texas Instruments SLVA371A Datasheet HTML 8Page - Texas Instruments SLVA371A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Application Report
SLVA371A – February 2010 – Revised April 2010
Powering Freon with TPS65070
Christian Hoefling
..................................................................................... Power Management Products
ABSTRACT
This documents details the design consideration of a power management unit (PMU) solution for the
OMAP-L138 (Freon) low-power applications processor with a TPS65070 five-channel power management
device.
Contents
1
OMAP-L1x8 Power and Sequencing Requirements
................................................................... 2
1.1
Power Requirements
.............................................................................................. 2
1.2
Power-Up Sequence
............................................................................................... 2
1.3
Power-Down Sequence
........................................................................................... 3
2
Sequencing with TPS65070
............................................................................................... 3
3
Detailed Power Sequence
................................................................................................. 7
4
Test Results
................................................................................................................. 7
List of Figures
1
TPS65070 Power Solution Diagram
...................................................................................... 4
2
Power-Up Sequencing Timing Diagram (1.8-V I/O)
.................................................................... 5
3
Power-Up Sequencing Timing Diagram (3.3-V I/O)
.................................................................... 6
4
Startup of DC/DC Converters and LDO2 (DCDC2 = 1.8 V)
........................................................... 7
5
Startup of LDO1 and LDO2 (DCDC2 = 1.8 V)
.......................................................................... 8
6
Startup of DC/DC Converters and LDO1 (DCDC2 = 3.3 V)
........................................................... 8
7
Startup of LDO1 and LDO2 (DCDC2 = 3.3 V)
.......................................................................... 9
All trademarks are the property of their respective owners.
1
SLVA371A – February 2010 – Revised April 2010
Powering Freon with TPS65070
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated


Similar Part No. - SLVA371A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLVA339A TI-SLVA339A Datasheet
253Kb / 9P
[Old version datasheet]   High-Vin, High-Efficiency Power Solution Using DC/DC Converter With DVFS
SLVA340A TI-SLVA340A Datasheet
214Kb / 9P
[Old version datasheet]   High-Integration, High-Efficiency Power Solution Using DC/DC Converters With DVFS
SLVA341A TI-SLVA341A Datasheet
166Kb / 9P
[Old version datasheet]   High-Efficiency Power Solution Using DC/DC Converter With DVFS
SLVA342A TI-SLVA342A Datasheet
149Kb / 8P
[Old version datasheet]   Simple Power Solution Using LDOs
SLVA343A TI-SLVA343A Datasheet
380Kb / 8P
[Old version datasheet]   Medium Integrated Power Solution Using a Dual DC/DC Converter and an LDO
More results

Similar Description - SLVA371A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24SR-DISCOVERY STMICROELECTRONICS-M24SR-DISCOVERY Datasheet
324Kb / 4P
   USB microB connector for board powering
logo
Vishay Siliconix
AN718 VISHAY-AN718 Datasheet
236Kb / 8P
   Powering the Pentium VRE with the Si9145 Voltage Mode Controlled PWM Converter
logo
STMicroelectronics
STOD02PUR STMICROELECTRONICS-STOD02PUR Datasheet
1Mb / 23P
   Dual DC-DC converter for powering AMOLED display
STOD03ASTPUR STMICROELECTRONICS-STOD03ASTPUR Datasheet
1Mb / 24P
   Dual DC-DC converter for powering AMOLED displays
STOD03AS STMICROELECTRONICS-STOD03AS Datasheet
696Kb / 25P
   Dual DC-DC converter for powering AMOLED displays
July 2013 Rev 2
logo
National Semiconductor ...
LM3405 NSC-LM3405_08 Datasheet
181Kb / 6P
   Powering and Dimming High-Brightness LEDs with the LM3405 Constant-Current Buck Regulator
logo
Intersil Corporation
ISL6329 INTERSIL-ISL6329 Datasheet
1Mb / 38P
   Dual PWM Controller Powering AMD SVI Split-Plane Processors
logo
STMicroelectronics
STOD03A STMICROELECTRONICS-STOD03A Datasheet
496Kb / 22P
   Dual DC-DC converter for powering AMOLED displays
June 2013 Rev 3
STOD03ATPUR STMICROELECTRONICS-STOD03ATPUR Datasheet
496Kb / 22P
   Dual DC-DC converter for powering AMOLED displays
logo
National Semiconductor ...
LM3405 NSC-LM3405_07 Datasheet
483Kb / 20P
   1.6MHz, 1A Constant Current Buck Regulator for Powering LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com