Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3216X5R1A226 Datasheet(PDF) 5 Page - Texas Instruments

Part # C3216X5R1A226
Description  High-Vin, High-Efficiency Power Solution Using DC/DC Converter With DVFS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

C3216X5R1A226 Datasheet(HTML) 5 Page - Texas Instruments

  C3216X5R1A226 Datasheet HTML 1Page - Texas Instruments C3216X5R1A226 Datasheet HTML 2Page - Texas Instruments C3216X5R1A226 Datasheet HTML 3Page - Texas Instruments C3216X5R1A226 Datasheet HTML 4Page - Texas Instruments C3216X5R1A226 Datasheet HTML 5Page - Texas Instruments C3216X5R1A226 Datasheet HTML 6Page - Texas Instruments C3216X5R1A226 Datasheet HTML 7Page - Texas Instruments C3216X5R1A226 Datasheet HTML 8Page - Texas Instruments C3216X5R1A226 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.ti.com
Features
Proper sequencing is ensured in the design with the use of a NPN transistor and a P-channel MOSFET.
As required, Core 1.2 V at 600 mA comes first, and is followed by Static 1.2 V + VRTC at 251 mA. Then
comes Static 1.8 V at 230 mA, which in turn pulls down the gate of a P-channel MOSFET with the use of
a NPN transistor. Last, Static 3.3 V at 115 mA comes up.
(1)
Use three such LDOs to power up DVDDA, DVDDB, and DVDDC. (It can be either 1.8 V or 3.3 V.)
(2)
Rx = 0.499 M
Ω, Ry = 1 MΩ for Vout = 1.8 V
(3)
Rx = 1.8 M
Ω, Ry = 1 MΩ for Vout = 3.3 V
(4)
For proper sequencing of output, the enable of the LDOs are fed either from a 1.2-V output from TPS62232 if
DVDDX is 1.8 V or from a 1.8-V output from TPS62231 if DVDDX is 3.3 V.
Figure 2. Optional Circuit for DVDD_A, DVDD_B, and DVDD_C
5
SLVA339A – June 2009 – Revised May 2010
High-Vin, High-Efficiency Power Solution Using DC/DC Converters With DVFS
Copyright © 2009–2010, Texas Instruments Incorporated


Similar Part No. - C3216X5R1A226

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3216X5R1A226M160AC TDK-C3216X5R1A226M160AC Datasheet
138Kb / 1P
   Commercial Grade ( General (Up to 50V) )
More results

Similar Description - C3216X5R1A226

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLVA341A TI-SLVA341A Datasheet
166Kb / 9P
[Old version datasheet]   High-Efficiency Power Solution Using DC/DC Converter With DVFS
SLVA340A TI-SLVA340A Datasheet
214Kb / 9P
[Old version datasheet]   High-Integration, High-Efficiency Power Solution Using DC/DC Converters With DVFS
logo
Hi-Sincerity Mocroelect...
H1563P HSMC-H1563P Datasheet
73Kb / 8P
   HIGH-EFFICIENCY DC/DC CONVERTER
logo
NXP Semiconductors
TEA1204T PHILIPS-TEA1204T Datasheet
109Kb / 20P
   High efficiency DC/DC converter
1998 Mar 02
TEA1208T PHILIPS-TEA1208T Datasheet
88Kb / 20P
   High efficiency DC/DC converter
2002 Nov 15
TEA1206T PHILIPS-TEA1206T Datasheet
78Kb / 16P
   High efficiency DC/DC converter
1999 Sep 16
TEA1207T PHILIPS-TEA1207T Datasheet
77Kb / 16P
   High efficiency DC/DC converter
1999 Oct 21
TEA1205AT PHILIPS-TEA1205AT Datasheet
107Kb / 16P
   High efficiency DC/DC converter
1998 Mar 24
logo
Unisonic Technologies
UTC3563 UTC-UTC3563_15 Datasheet
247Kb / 10P
   HIGH-EFFICIENCY DC/DC CONVERTER
logo
NXP Semiconductors
TEA1210TS PHILIPS-TEA1210TS Datasheet
83Kb / 20P
   High efficiency, high current DC/DC converter
1999 Mar 08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com