Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SP1812R-152K Datasheet(PDF) 1 Page - API Delevan

Part No. SP1812R-152K
Description  Shielded Surface Mount Power Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  API [API Delevan]
Homepage  http://www.delevan.com
Logo API - API Delevan

SP1812R-152K Datasheet(HTML) 1 Page - API Delevan

  SP1812R-152K Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size
SERIES SP1812R
SP1812
Shielded Surface Mount Power Inductors
Physical Parameters
Inches
Millimeters
A
0.166 to 0.190
4.22 to 4.83
B
0.118 to 1.34
3.00 to 3.40
C
0.118 to 1.34
3.00 to 3.40
D
0.015 Min.
0.38 Min.
E
0.054 to 0.078
1.37 to 1.98
F
0.118 (Ref. only)
3.00 (Ref. only)
G
0.066 (Ref only)
1.68 (Ref. only)
Dimensions "A" and "C" are over terminals.
Operating Temperature Range –55°C to +125°C
Current Rating at 90°C Ambient 35°C Rise
Maximum Power Dissipation at 90°C 0.287 W
Inductance Measured at 1V with no DC current
Incremental Current The current at which the
inductance will be decreased by a maximum of 10% from
its initial DC value
Marking API/SMD; inductance with units and tolerance
followed by an SP; date code (YYWWL). Note: An R before
the date code indicates a RoHS component.
Example: SP1812R-182K
API/SMD
1.8uH±10%SP
R 0904A
Packaging Tape & reel (12mm): 7" reel, 650 pieces max.;
13" reel, 2500 pieces max.
Coupling 5% Typical (Ref. M83446, 1mm spacing)
Made In the U.S.A.
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
SERIES SP1812 FERRITE CORE
-102K
-122K
-152K
-182K
-222K
-272K
-332K
-392K
-472K
-562K
-682K
-822K
-103K
-123K
-153K
-183K
-223K
-273K
-333K
-393K
-473K
-563K
-683K
-823K
-104K
-124K
-154K
-184K
-224K
-274K
-334K
2060
1890
1690
1540
1390
1270
1150
1000
959
866
789
724
657
602
530
486
438
400
359
332
296
275
250
228
206
188
168
154
139
125
113
1580
1510
1430
1360
1170
1110
1060
1000
969
920
878
842
802
767
640
613
509
430
408
354
335
323
275
262
250
210
198
172
164
143
136
0.081
0.088
0.098
0.11
0.15
0.16
0.18
0.20
0.21
0.24
0.26
0.28
0.31
0.34
0.49
0.68
0.75
1.0
1.2
1.6
1.8
1.9
2.7
2.9
3.2
4.6
5.1
6.7
7.5
9.8
10.9
1.00
1.20
1.50
1.80
2.20
2.70
3.30
3.90
4.70
5.60
6.80
8.20
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100
120
150
180
220
270
330
Optional Tolerances:
J = 5% H = 3% G = 2%
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
1/2009


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn