Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZNBG4000 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZNBG4000
Description  FET BIAS CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZNBG4000 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZNBG4000 Datasheet HTML 1Page - Zetex Semiconductors ZNBG4000 Datasheet HTML 2Page - Zetex Semiconductors ZNBG4000 Datasheet HTML 3Page - Zetex Semiconductors ZNBG4000 Datasheet HTML 4Page - Zetex Semiconductors ZNBG4000 Datasheet HTML 5Page - Zetex Semiconductors ZNBG4000 Datasheet HTML 6Page - Zetex Semiconductors ZNBG4000 Datasheet HTML 7Page - Zetex Semiconductors ZNBG4000 Datasheet HTML 8Page - Zetex Semiconductors ZNBG4000 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
-0.6V to 15V
Supply Current
100mA
Drain Current (per FET)
0 to 15mA
(set by RCAL1 and RCAL2)
Output Current
100mA
Operating Temperature
-40 to 70°C
Storage Temperature
-50 to 85°C
Power Dissipation (Tamb
== 25°C)
QSOP16
500mW
QSOP20
650mW
ELECTRICAL CHARACTERISTICS TEST CONDITIONS (Unless otherwise stated):
Tamb== 25°C,VCC=5V,ID=10mA (RCAL1=33kΩ;RCAL2=33kΩ
Ω)
SYMBOL PARAMETER
CONDITIONS
LIMITS
UNITS
Min
Typ
Max
VCC
Supply Voltage
5
12
V
ICC
Supply Current
ZNBG4000/1
ID1 to ID4=0
ID1 to ID4=10mA
10
50
mA
mA
ICC
Supply Current
ZNBG6000/1
ID1 to ID6=0
ID1 to ID6=10mA
15
75
mA
mA
VSUB
Substrate Voltage
(Internally generated)
ISUB= 0
ISUB= -200µA
-3.5
-3
-2
-2
V
V
END
ENG
Output Noise
Drain Voltage
Gate Voltage
CG=4.7nF, CD=10nF
CG=4.7nF, CD=10nF
0.02
0.005
Vpkpk
Vpkpk
fO
Oscillator Freq.
200
350
800
kHz
DRAIN CHARACTERISTICS
ID
Current
8
10
12
mA
Current Change
∆IDV
with VCC
VCC=5 to 12V
0.02
%/V
∆I
DT
with Tj
Tj=-40 to +70°C
0.05
%/°C
VD
Voltage
ZNBG4000, ZNGB6000
ZNBG4001, ZNBG6001
2
1.8
2.2
2
2.4
2.2
V
V
Voltage Change
∆∆VDV
with VCC
VCC= 5 to 12V
0.5
%/V
∆∆V
DT
with Tj
Tj = -40 to +70°C
50
ppm
ZNBG4000
ZNBG4000 ZNBG4001
ZNBG6000 ZNBG6001
4-138


Similar Part No. - ZNBG4000

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNBG4000 ZETEX-ZNBG4000 Datasheet
409Kb / 10P
   FET BIAS CONTROLLER
logo
Diodes Incorporated
ZNBG4000 DIODES-ZNBG4000 Datasheet
419Kb / 10P
   FET BIAS CONTROLLER
logo
Zetex Semiconductors
ZNBG4000Q16 ZETEX-ZNBG4000Q16 Datasheet
409Kb / 10P
   FET BIAS CONTROLLER
logo
Diodes Incorporated
ZNBG4000Q16 DIODES-ZNBG4000Q16 Datasheet
419Kb / 10P
   ABSOLUTE MAXIMUM RATINGS
More results

Similar Description - ZNBG4000

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZNBG3000 DIODES-ZNBG3000 Datasheet
216Kb / 9P
   FET BIAS CONTROLLER
logo
Aimtron Technology
AT1504 AIMTRON-AT1504 Datasheet
237Kb / 6P
   FET BIAS CONTROLLER
AT1506 AIMTRON-AT1506 Datasheet
237Kb / 6P
   FET BIAS CONTROLLER
logo
Unisonic Technologies
L8401 UTC-L8401_15 Datasheet
231Kb / 5P
   FET BIAS CONTROLLER
logo
Diodes Incorporated
ZNBG4000 DIODES-ZNBG4000 Datasheet
419Kb / 10P
   FET BIAS CONTROLLER
logo
Zetex Semiconductors
ZNBR4000 ZETEX-ZNBR4000 Datasheet
183Kb / 10P
   FET BIAS CONTROLLER
ZNBG2000 ZETEX-ZNBG2000 Datasheet
516Kb / 7P
   FET BIAS CONTROLLER
logo
Unisonic Technologies
L8001 UTC-L8001_17 Datasheet
181Kb / 6P
   FET BIAS CONTROLLER
L8002 UTC-L8002 Datasheet
176Kb / 6P
   FET BIAS CONTROLLER
logo
Diodes Incorporated
ZNBG2000 DIODES-ZNBG2000 Datasheet
525Kb / 7P
   FET BIAS CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com