Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZNBG3210 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part No. ZNBG3210
Description  FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETEX [Zetex Semiconductors]
Homepage  http://www.diodes.com/
Logo 

ZNBG3210 Datasheet(HTML) 2 Page - Zetex Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
-0.6V to 12V
Supply Current
100mA
Input Voltage (VPOL)
25V Continuous
Drain Current (per FET)
0 to 15mA
(set by RCAL)
Operating Temperature
-40 to 70°C
Storage Temperature
-50 to 85°C
Power Dissipation (Tamb
= 25°C)
QSOP20
500mW
ELECTRICAL CHARACTERISTICS. TEST CONDITIONS
(Unless otherwise stated):Tamb= 25°C,VCC=5V,ID=10mA (RCAL=33kΩ)
SYMBOL PARAMETER
CONDITIONS
LIMITS
UNITS
MIN.
TYP.
MAX.
VCC
Supply Voltage
5
10
V
ICC
Supply Current
ID1 to ID3=0
ID1=0,ID2 to ID3=10mA, VPOL=14V
ID2=0,ID1 to ID3=10mA, VPOL=15.5V
ID1 to ID3=0, ILB=10mA
ID1 to ID3=0, IHB=10mA
6
25
25
16
16
15
35
35
25
25
mA
mA
mA
mA
mA
VSUB
Substrate
Voltage
(Internally generated) ISUB=0
ISUB=-200µA
-3.5
-3.0
-2.5
-2.4
V
V
END
ENG
Output Noise
Drain Voltage
Gate Voltage
CG=4.7nF, CD=10nF
CG=4.7nF, CD=10nF
0.02
0.005
Vpkpk
Vpkpk
fO
Oscillator
Frequency
200
350
800
kHz
ZNBG3210
ZNBG3211
67-2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn