Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZNBG3111Q20 Datasheet(PDF) 15 Page - Zetex Semiconductors

Part # ZNBG3111Q20
Description  FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZNBG3111Q20 Datasheet(HTML) 15 Page - Zetex Semiconductors

Back Button ZNBG3111Q20 Datasheet HTML 8Page - Zetex Semiconductors ZNBG3111Q20 Datasheet HTML 9Page - Zetex Semiconductors ZNBG3111Q20 Datasheet HTML 10Page - Zetex Semiconductors ZNBG3111Q20 Datasheet HTML 11Page - Zetex Semiconductors ZNBG3111Q20 Datasheet HTML 12Page - Zetex Semiconductors ZNBG3111Q20 Datasheet HTML 13Page - Zetex Semiconductors ZNBG3111Q20 Datasheet HTML 14Page - Zetex Semiconductors ZNBG3111Q20 Datasheet HTML 15Page - Zetex Semiconductors ZNBG3111Q20 Datasheet HTML 16Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
ZNBG3110
ZNBG3111
Page Number
PACKAGE DIMENSIONS
PIN No.1
IDENTIFICATION
RECESS
FOR PIN 1
A
B
D
C
K
PIN
Millimetres
Inches
MIN
MAX
MIN
MAX
A
8.55
8.74
0.337
0.344
B
0.635
0.025 NOM
C
1.42
1.52
0.056
0.06
D
0.20
0.30
0.008
0.012
E
3.81
3.99
0.15
0.157
F
1.35
1.75
0.053
0.069
G
0.10
0.25
0.004
0.01
J
5.79
6.20
0.228
0.244
K
0°8°0°
Zetex plc.
Fields New Road, Chadderton, Oldham, OL9-8NP, United Kingdom.
Telephone: (44)161 622 4422 (Sales), (44)161 622 4444 (General Enquiries)
Fax: (44)161 622 4420
Zetex GmbH
Zetex Inc.
Zetex (Asia) Ltd.
These are supported by
Streitfeldstraße 19
47 Mall Drive, Unit 4
3510 Metroplaza, Tower 2
agents and distributors in
D-81673 München
Commack NY 11725
Hing Fong Road,
major countries world-wide
Germany
USA
Kwai Fong, Hong Kong
©Zetex plc 1998
Telefon: (49) 89 45 49 49 0
Telephone: (516) 543-7100
Telephone:(852) 26100 611
Fax: (49) 89 45 49 49 49
Fax: (516) 864-7630
Fax: (852) 24250 494
Internet:http://www.zetex.com
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied
or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or
services concerned. The Company reserves the right to alter without notice the specification, design, price or conditions of supply of
any product or service.


Similar Part No. - ZNBG3111Q20

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNBG3113 ZETEX-ZNBG3113 Datasheet
684Kb / 17P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Diodes Incorporated
ZNBG3113 DIODES-ZNBG3113 Datasheet
698Kb / 17P
   FET BIAS CONTROLLER WITH POLARISATION
logo
Zetex Semiconductors
ZNBG3113Q20 ZETEX-ZNBG3113Q20 Datasheet
684Kb / 17P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3114 ZETEX-ZNBG3114 Datasheet
684Kb / 17P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Diodes Incorporated
ZNBG3114 DIODES-ZNBG3114 Datasheet
698Kb / 17P
   FET BIAS CONTROLLER WITH POLARISATION
More results

Similar Description - ZNBG3111Q20

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNBG3115 ZETEX-ZNBG3115 Datasheet
1Mb / 14P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Unisonic Technologies
UTCL8115 UTC-UTCL8115 Datasheet
174Kb / 13P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Zetex Semiconductors
ZNBG3113 ZETEX-ZNBG3113 Datasheet
684Kb / 17P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3210 ZETEX-ZNBG3210 Datasheet
387Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3115 ZETEX-ZNBG3115_06 Datasheet
606Kb / 15P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Diodes Incorporated
ZNBG3211Q20TC DIODES-ZNBG3211Q20TC Datasheet
399Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION ISSUE 2 - FEBRUARY 2000
logo
Aimtron Technology
AT1512 AIMTRON-AT1512 Datasheet
351Kb / 11P
   FET BIAS CONTROLLER AND TONE DETECTION
AT1511 AIMTRON-AT1511 Datasheet
276Kb / 9P
   FET BIAS CONTROLLER AND TONE DETECTION
logo
Diodes Incorporated
ZNBG3113 DIODES-ZNBG3113 Datasheet
698Kb / 17P
   FET BIAS CONTROLLER WITH POLARISATION
ZNBG3210 DIODES-ZNBG3210 Datasheet
399Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com