Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM045C475MHN240 Datasheet(PDF) 6 Page - AVX Corporation

Part # SM045C475MHN240
Description  AVX Advanced Ceramic Capacitors for Power Supply, High Voltage and Tip and Ring Applications
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SM045C475MHN240 Datasheet(HTML) 6 Page - AVX Corporation

Back Button SM045C475MHN240 Datasheet HTML 2Page - AVX Corporation SM045C475MHN240 Datasheet HTML 3Page - AVX Corporation SM045C475MHN240 Datasheet HTML 4Page - AVX Corporation SM045C475MHN240 Datasheet HTML 5Page - AVX Corporation SM045C475MHN240 Datasheet HTML 6Page - AVX Corporation SM045C475MHN240 Datasheet HTML 7Page - AVX Corporation SM045C475MHN240 Datasheet HTML 8Page - AVX Corporation SM045C475MHN240 Datasheet HTML 9Page - AVX Corporation SM045C475MHN240 Datasheet HTML 10Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 112 page
background image
5
SMPS Capacitors
Capacitor Selection and Performance
Absolute Maximum Output Capacitance
Assuming no ESL and no ESR
25
20
15
10
5
0
0
5
10
15
20
Maximum Output Filter Capacitance
2 MHz
1 MHz
500 KHz
250 KHz
( F)
50 mV Noise
Due to
Capacitance
Absolute Maximum Capacitance ESL
Assuming no ESR - Capacitive Induced Ripple
25
20
15
10
5
0
0
5
10
15
20
Maximum Output Filter Capacitance ESL
(nH)
DIP Leads
SK Series
250 KHz
500 KHz
1 MHz
2 MHz
50 mV Noise
Due to ESL
Absolute Maximum Capacitance ESR
Assuming no ESL - Capacitive Induced Ripple
25
20
15
10
5
0
0
10203040
Maximum Output Filter Capacitance ESR
(mOhm)
50 mV Noise
Due to ESR
AI Electrolytic
15
F
MLC SM02
10
F
Wet Ta
10
F
Solid Ta
5.6
F
MLC SM04
4.7
F
10
10
10
10
10
0
2
4
6
8
10
12
14
16
Time (Seconds)
-5
-6
-7
-8
-9
Capacitance as Measured from dv/dt Slope
200 mA/ns Current Pulse
Measurement starts after Inductive Ring Decay
ASMLC CAPACITOR SELECTION
ASMLC CAPACITOR PERFORMANCE
SMPS Design Information (SM, CH, CV, RH and SK Styles)


Similar Part No. - SM045C475MHN240

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM04522-36 STEALTH_MICROWAVE-SM04522-36 Datasheet
96Kb / 3P
   450-2200 MHz 4 Watt Linear Power Amplifier
SM04548-47L STEALTH_MICROWAVE-SM04548-47L Datasheet
176Kb / 3P
   450-480 MHz 50 Watt Ultra Linear Power Amplifier
More results

Similar Description - SM045C475MHN240

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
05041A0R5CA79A AVX-05041A0R5CA79A Datasheet
6Mb / 135P
   Advanced Ceramic Capacitors for Power Supply, High Voltage and Tip and Ring Applications
logo
Coilcraft lnc.
ST515FRF COILCRAFT-ST515FRF Datasheet
215Kb / 1P
   Tip and Ring Filters for Critical Applications
logo
HolyStone International
SAC HOLYSTONECAPS-SAC Datasheet
192Kb / 2P
   Tip & Ring Capacitors
logo
Coilcraft lnc.
TTTRF2000 COILCRAFT-TTTRF2000 Datasheet
80Kb / 1P
   Surface Mount Tip and Ring Filters
PTRF4000LB COILCRAFT-PTRF4000LB Datasheet
128Kb / 1P
   Surface Mount Tip and Ring Filters
PTRF2000L COILCRAFT-PTRF2000L_16 Datasheet
130Kb / 1P
   Surface Mount Tip and Ring Filters
TRF-2000L COILCRAFT-TRF-2000L Datasheet
159Kb / 1P
   Tip and Ring Common Mode Filters
PTRF2000L COILCRAFT-PTRF2000L Datasheet
77Kb / 1P
   Surface Mount Tip and Ring Filters
TRF2000L COILCRAFT-TRF2000L Datasheet
254Kb / 1P
   Tip and Ring Common Mode Filters
logo
Kemet Corporation
C0805C103KARAC KEMET-C0805C103KARAC Datasheet
98Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com