Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZNBG3115 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part No. ZNBG3115
Description  FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETEX [Zetex Semiconductors]
Homepage  http://www.diodes.com/
Logo 

ZNBG3115 Datasheet(HTML) 3 Page - Zetex Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ZNBG3115
ZNBG3116
ISSUE 1 - JUNE 2001
3
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNITS
MIN.
TYP.
MAX.
GATE CHARACTERISTICS
IGO
Output Current Range
-30
2000
A
IDx
VPOL
IGOx
(mA)
(V)
( A)
VG1O
VG1L
VG1H
Output Voltage
Gate 1
Off
Low
High
ID1=0 VPOL=14
IGO1=-10
ID1=12 VPOL=15.5 IGO1=-10
ID1=8 VPOL=15.5 IGO1=0
-2.5
-2.5
0.4
-2.25
-2.25
0.75
-2.0
-2.0
1.0
V
V
V
VG2O
VG2L
VG2H
Output Voltage
Gate 2
Off
Low
High
ID2=0 VPOL=15.5 IGO2=-10
ID2=12 VPOL=14
IGO2=-10
ID2=8 VPOL=14
IGO2=0
-2.5
-2.5
0.4
-2.25
-2.25
0.75
-2.0
-2.0
1.0
V
V
V
VG3L
VG3H
Output Voltage
Gate 3
Low
High
ID3=12
IGO3=-10
ID3=8
IGO3=0
-3.0
0.4
-2.75
0.75
-2.5
1.0
V
V
DRAIN CHARACTERISTICS
ID
Current
8
10
12
mA
IDrng
Current range
Set by Rcal
015
mA
DIDV
DIDV
Current Change
with VCC
with Tj
VCC=5to10V
Tj=-40 to +80°C
0.5
0.05
%/V
%/°C
VD1
Drain 1 Voltage: High
ZNBG3115
ZNBG3116
ID1=10mA, VPOL=15.5V
ID1=10mA, VPOL=15.5V
2.0
1.8
2.2
2.0
2.4
2.2
V
V
VD2
Drain 2 Voltage: High
ZNBG3115
ZNBG3116
ID2=10mA, VPOL=14V
ID2=10mA, VPOL=14V
2.0
1.8
2.2
2.0
2.4
2.2
V
V
VD3
Drain 3 Voltage: High
ZNBG3115
ZNBG3116
ID3=10mA, VPOL=15.5V
ID3=10mA, VPOL=15.5V
2.0
1.8
2.2
2.0
2.4
2.2
V
V
VDV
VDT
Voltage Change
with VCC
with Tj
VCC=5to10V
Tj=-40 to +80°C
0.5
50
%/V
ppm
IL1
IL2
Leakage Current
Drain 1 †
Drain 2 †
VD1=0.5V, VPOL=14V
VD2=0.5V, VPOL=15.5V
10
10
A
A
†QSOP20 only


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn