Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34063ADG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MC34063ADG4
Description  1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MC34063ADG4 Datasheet(HTML) 1 Page - Texas Instruments

  MC34063ADG4 Datasheet HTML 1Page - Texas Instruments MC34063ADG4 Datasheet HTML 2Page - Texas Instruments MC34063ADG4 Datasheet HTML 3Page - Texas Instruments MC34063ADG4 Datasheet HTML 4Page - Texas Instruments MC34063ADG4 Datasheet HTML 5Page - Texas Instruments MC34063ADG4 Datasheet HTML 6Page - Texas Instruments MC34063ADG4 Datasheet HTML 7Page - Texas Instruments MC34063ADG4 Datasheet HTML 8Page - Texas Instruments MC34063ADG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
2
3
4
8
7
6
5
Switch Collector
Switch Emitter
Timing Capacitor
GND
Driver Collector
Ipk
VCC
Comparator Inverting Input
D (SOIC) OR P (PDIP) PACKAGE
(TOP VIEW)
DRJ (QFN) PACKAGE
(TOP VIEW)
Comparator Inverting Input
Switch Collector
2
3
4
1
8
7
6
5
Switch Emitter
Timing Capacitor
GND
VCC
Ipk
Driver Collector
The exposed thermal pad is electrically bonded internally to pin 4 (GND) .
MC33063A
MC34063A
www.ti.com
SLLS636L – DECEMBER 2004 – REVISED DECEMBER 2009
1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
Check for Samples: MC33063A MC34063A
1
FEATURES
Wide Input Voltage Range: 3 V to 40 V
Precision Internal Reference: 2%
High Output Switch Current: Up to 1.5 A
Short-Circuit Current Limiting
Adjustable Output Voltage
Low Standby Current
Oscillator Frequency Up to 100 kHz
DESCRIPTION/ORDERING INFORMATION
The MC33063A and MC34063A are easy-to-use ICs containing all the primary circuitry needed for building
simple dc-dc converters. These devices primarily consist of an internal temperature-compensated reference, a
comparator, an oscillator, a PWM controller with active current limiting, a driver, and a high-current output switch.
Thus, the devices require minimal external components to build converters in the boost, buck, and inverting
topologies.
The MC33063A is characterized for operation from –40°C to 85°C, while the MC34063A is characterized for
operation from 0°C to 70°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - MC34063ADG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC34063ADG4 TI1-MC34063ADG4 Datasheet
1Mb / 30P
[Old version datasheet]   1.5-A Peak Boost/Buck/Inverting Switching Regulators
More results

Similar Description - MC34063ADG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC33063A TI1-MC33063A_16 Datasheet
1Mb / 30P
[Old version datasheet]   1.5-A Peak Boost/Buck/Inverting Switching Regulators
MC33063A TI-MC33063A Datasheet
303Kb / 15P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A_07 Datasheet
494Kb / 16P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A_15 Datasheet
1Mb / 30P
[Old version datasheet]   MC3x063A 1.5-A Peak Boost/Buck/Inverting Switching Regulators
MC33063A-Q1 TI-MC33063A-Q1 Datasheet
282Kb / 14P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATOR
MC33063A-Q1 TI-MC33063A-Q1_15 Datasheet
694Kb / 26P
[Old version datasheet]   MC33063A-Q1 1.5-A Peak Boost, Buck, Inverting Switching Regulator
logo
ON Semiconductor
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com