Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC34063AD Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part No. MC34063AD
Description  1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

MC34063AD Datasheet(HTML) 5 Page - Texas Instruments

  MC34063AD Datasheet HTML 1Page - Texas Instruments MC34063AD Datasheet HTML 2Page - Texas Instruments MC34063AD Datasheet HTML 3Page - Texas Instruments MC34063AD Datasheet HTML 4Page - Texas Instruments MC34063AD Datasheet HTML 5Page - Texas Instruments MC34063AD Datasheet HTML 6Page - Texas Instruments MC34063AD Datasheet HTML 7Page - Texas Instruments MC34063AD Datasheet HTML 8Page - Texas Instruments MC34063AD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
IE, Emitter Current (A)
VCC = 5 V
Pin 1, 7, 8 = VCC
Pin 3, 5 = GND
TA = 25°C
1
1
0
1
10
100
1000
0.01
0.1
1
10
CT, Oscillator Timing Capacitor (nF)
VCC = 5 V
Pin 7 = VCC
Pin 5 = GND
TA = 25°C
tON
tOFF
200
220
240
260
280
300
320
340
360
380
−50
−25
0
25
50
75
100
125
TA, Ambient Temperature (°C)
VCC = 5 V
ICHG = IDISCHG
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
IC, Collector Current (A)
Darlington Connection
VCC = 5 V
Pin 7 = VCC
Pin 2, 3, 5 = GND
TA = 25°C
Force Beta = 20
0
0
1
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
0
5
10
15
20
25
30
35
40
VCC, Supply Voltage (V)
CT = 1 nF
Pin 7 = VCC
Pin 2 = GND
TA = 25°C
MC33063A
MC34063A
www.ti.com
SLLS636L – DECEMBER 2004 – REVISED DECEMBER 2009
TYPICAL CHARACTERISTICS
Figure 1. Output Switch On-Off Time vs
Figure 2. Output Switch Saturation Voltage vs
Oscillator Timing Capacitor
Emitter Current (Emitter-Follower Configuration)
Figure 3. Output Switch Saturation Voltage vs
Figure 4. Current-Limit Sense Voltage vs Temperature
Collector Current (Common-Emitter Configuration)
Figure 5. Standby Supply Current vs Supply Voltage
Copyright © 2004–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): MC33063A MC34063A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn