Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZNBG3113 Datasheet(PDF) 12 Page - Zetex Semiconductors

Part No. ZNBG3113
Description  FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETEX [Zetex Semiconductors]
Homepage  http://www.diodes.com/
Logo 

ZNBG3113 Datasheet(HTML) 12 Page - Zetex Semiconductors

Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
ZNBG3113
ZNBG3114
Single Universal LNB Block Diagram
The following block diagram shows the main section of an LNB designed for use with the Astra
series of satellites. The ZNBG3113/14 is the core bias and control element of this circuit. The
ZNBG provides the negative rail, FET bias control, polarisation switch control, tone detection and
band switching with the minimum of external components. Compared to other discrete
component solutions the ZNBG circuit reduces component count and overall size required.
APPLICATIONS INFORMATION(cont)
Tone detection and band switching is provided on the ZNBG3113/14 devices. The following
diagrams describes how this feature operates in an LNB and the external components required.
The presence or absence of a 22kHz tone applied to pin FIN enables one of two outputs, LB and
HB. A tone present enables HB and tone absent enables LB. The LB and HB outputs are designed
to be compatible with both MMIC and discrete local oscillator applications, selected by pin LOV.
Referring to Figure 1 wiring pin LOV to ground will force LB and HB to switch between -2.6V
(disabled) and 0V (enabled). Referring to Figure 2 wiring pin LOV to a positive voltage source (e.g.
a potential divider across VCC and ground set to the required oscillator supply voltage, VOSC) will
force the LB and HB outputs to provide the required oscillator supply, VOSC, when enabled.
Tone Detection Function
LOV
FIN
LB
HB
LB
HB
GND
22kHz
Disabled
Enabled
-2.6 volts
GND
Enabled
Disabled
GND
-2.6 volts
VOSC
22kHz
Disabled
Enabled
Note 1
VOSC
Enabled
Disabled
VOSC
Note 1
Note 1:
0 volts in typical LNB applications but ependent on extenal circuits.
4-134


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn