Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE75CA-B Datasheet(PDF) 2 Page - Littelfuse

Part # P4KE75CA-B
Description  Transient Voltage Suppression Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P4KE75CA-B Datasheet(HTML) 2 Page - Littelfuse

  P4KE75CA-B Datasheet HTML 1Page - Littelfuse P4KE75CA-B Datasheet HTML 2Page - Littelfuse P4KE75CA-B Datasheet HTML 3Page - Littelfuse P4KE75CA-B Datasheet HTML 4Page - Littelfuse P4KE75CA-B Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
66
Transient Voltage Suppression Diodes
Revision: January 09, 2009
©2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Leaded – 400W > P4KE series
P4KE Series
Please refer to http://www.Littelfuse.com/series/P4KE.html for current information.
Electrical Characteristics
Part
Number
(Uni)
Part
Number
(Bi)
Reverse
Stand off
Voltage V
R
(Volts)
Breakdown
Voltage
V
BR@ IT (V)
Test
Current
I
T
(mA)
Maximum
Clamping
Voltage
V
C @ Ipp
(V)
Maximum
Peak
Pulse
Current I
pp
(A)
Maximum
Reverse
Leakage
I
R @ VR(μA)
Agency
Approval
MIN
MAX
P4KE6.8A
P4KE6.8CA
5.80
6.45
7.14
10
10.5
39.00
1000
X
P4KE7.5A
P4KE7.5CA
6.40
7.13
7.88
10
11.3
36.30
500
X
P4KE8.2A
P4KE8.2CA
7.02
7.79
8.61
10
12.1
33.90
200
X
P4KE9.1A
P4KE9.1CA
7.78
8.65
9.55
1
13.4
30.60
50
X
P4KE10A
P4KE10CA
8.55
9.50
10.50
1
14.5
28.30
10
X
P4KE11A
P4KE11CA
9.40
10.50
11.60
1
15.6
26.30
5
X
P4KE12A
P4KE12CA
10.20
11.40
12.60
1
16.7
24.60
5
X
P4KE13A
P4KE13CA
11.10
12.40
13.70
1
18.2
22.50
1
X
P4KE15A
P4KE15CA
12.80
14.30
15.80
1
21.2
19.30
1
X
P4KE16A
P4KE16CA
13.60
15.20
16.80
1
22.5
18.20
1
X
P4KE18A
P4KE18CA
15.30
17.10
18.90
1
25.5
16.10
1
X
P4KE20A
P4KE20CA
17.10
19.00
21.00
1
27.7
14.80
1
X
P4KE22A
P4KE22CA
18.80
20.90
23.10
1
30.6
13.40
1
X
P4KE24A
P4KE24CA
20.50
22.80
25.20
1
33.2
12.30
1
X
P4KE27A
P4KE27CA
23.10
25.70
28.40
1
37.5
10.90
1
X
P4KE30A
P4KE30CA
25.60
28.50
31.50
1
41.4
9.90
1
X
P4KE33A
P4KE33CA
28.20
31.40
34.70
1
45.7
9.00
1
X
P4KE36A
P4KE36CA
30.80
34.20
37.80
1
49.9
8.20
1
X
P4KE39A
P4KE39CA
33.30
37.10
41.00
1
53.9
7.60
1
X
P4KE43A
P4KE43CA
36.80
40.90
45.20
1
59.3
6.90
1
X
P4KE47A
P4KE47CA
40.20
44.70
49.40
1
64.8
6.30
1
X
P4KE51A
P4KE51CA
43.60
48.50
53.60
1
70.1
5.80
1
X
P4KE56A
P4KE56CA
47.80
53.20
58.80
1
77.0
5.30
1
X
P4KE62A
P4KE62CA
53.00
58.90
65.10
1
85.0
4.80
1
X
P4KE68A
P4KE68CA
58.10
64.60
71.40
1
92.0
4.50
1
X
P4KE75A
P4KE75CA
64.10
71.30
78.80
1
103.0
4.00
1
X
P4KE82A
P4KE82CA
70.10
77.90
86.10
1
113.0
3.60
1
X
P4KE91A
P4KE91CA
77.80
86.50
95.50
1
125.0
3.30
1
X
P4KE100A
P4KE100CA
85.50
95.00
105.00
1
137.0
3.00
1
X
P4KE110A
P4KE110CA
94.00
105.00
116.00
1
152.0
2.70
1
X
P4KE120A
P4KE120CA
102.00
114.00
126.00
1
165.0
2.50
1
X
P4KE130A
P4KE130CA
111.00
124.00
137.00
1
179.0
2.30
1
X
P4KE150A
P4KE150CA
128.00
143.00
158.00
1
207.0
2.00
1
X
P4KE160A
P4KE160CA
136.00
152.00
168.00
1
219.0
1.90
1
X
P4KE170A
P4KE170CA
145.00
162.00
179.00
1
234.0
1.80
1
X
P4KE180A
P4KE180CA
154.00
171.00
189.00
1
246.0
1.70
1
X
P4KE200A
P4KE200CA
171.00
190.00
210.00
1
274.0
1.50
1
X
P4KE220A
P4KE220CA
185.00
209.00
231.00
1
328.0
1.30
1
X
P4KE250A
P4KE250CA
214.00
237.00
263.00
1
344.0
1.20
1
X
P4KE300A
P4KE300CA
256.00
285.00
315.00
1
414.0
1.00
1
X
P4KE350A
P4KE350CA
300.00
332.00
368.00
1
482.0
0.85
1
X
P4KE400A
P4KE400CA
342.00
380.00
420.00
1
548.0
0.75
1
X
P4KE440A
P4KE440CA
376.00
418.00
462.00
1
602.0
0.68
1
X
P4KE480A
P4KE480CA
408.00
456.00
504.00
1
658.0
0.61
1
P4KE510A
P4KE510CA
434.00
485.00
535.00
1
698.0
0.57
1
P4KE530A
P4KE530CA
477.00
503.50
556.50
1
725.0
0.55
1
P4KE540A
P4KE540CA
486.00
513.00
567.00
1
740.0
0.54
1
P4KE550A
P4KE550CA
495.00
522.50
577.50
1
760.0
0.52
1
For bidirectional type having V
R of 10 volts and less, the IR limit is double.
For parts without A , the V
BR is ± 10% and VC is 5% higher than with A parts


Similar Part No. - P4KE75CA-B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
P4KE75CA-C SECOS-P4KE75CA-C Datasheet
334Kb / 3P
   400 Peak Power
logo
Comchip Technology
P4KE75CA-G COMCHIP-P4KE75CA-G Datasheet
131Kb / 6P
   400W Transient Voltage Suppressor
P4KE75CA-HF COMCHIP-P4KE75CA-HF Datasheet
105Kb / 4P
   400W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P4KE75CA-LF SIRECT-P4KE75CA-LF Datasheet
129Kb / 4P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4KE75CA-T8 WTE-P4KE75CA-T8 Datasheet
82Kb / 6P
   400W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4KE75CA-B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10_09 Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
SA5.0A LITTELFUSE-SA5.0A_09 Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
SMBJ5.0A LITTELFUSE-SMBJ5.0A_09 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com