Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZNBG3110 Datasheet(PDF) 4 Page - Zetex Semiconductors

Part No. ZNBG3110
Description  FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETEX [Zetex Semiconductors]
Homepage  http://www.diodes.com/
Logo 

ZNBG3110 Datasheet(HTML) 4 Page - Zetex Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SYMBOL PARAMETER
CONDITIONS
LIMITS
UNITS
MIN.
TYP.
MAX.
TONE DETECTION CHARACTERISTICS
IB
Filter Amplifier
Input Bias Current RF1=150kΩ
0.04
0.15
1.0
µA
VOUT
Output Voltage
5 R
F1=150kΩ
1.75
1.95
2.05
V
IOUT
Output Current
5 V
OUT=1.96V, VFIN=2.1V
400
520
650
µA
GV
Voltage Gain
f=22kHz,VIN=1mV
46
dB
VTH
Comparator
Threshold
Voltage
5
f=0
2.95
3.2
3.45
V
VLOV
Output Stage
LOV Volt. Range
IL=50mA(LB or HB)-0.5
VCC-1.8 V
ILOV
LOV Bias Current
VLOV=0
0.04
0.15
1.0
µA
VLBL
LB Output Low
VLOV=0
IL=-10
µA
Enabled
6
VLOV=3V IL=0
Enabled
7
-3.5
-0.01
-2.75
0
-2.5
0.01
V
V
VLBH
LB Output High
VLOV=0
IL=10mA
Disabled
6
VLOV=3V IL=50mA
Disabled
7
-0.025
2.9
0
3.0
0.025
3.1
V
V
VHBL
HB Output Low
VLOV=0
IL=-10
µA
Enabled
6
VLOV=3V IL=0
Enabled
7
-3.5
-0.01
-2.75
0
-2.5
0.01
V
V
VHBH
HB Output High
VLOV=0
IL=10mA
Disabled
6
VLOV=3V IL=50mA
Disabled
7
-0.025
2.9
0
3.0
0.025
3.1
V
V
POLARITY SWITCH CHARACTERISTICS
IPOL
Input Current
VPOL=25V (Applied via RPOL=10kΩ) 10
20
40
µA
VTPOL
Threshold
Voltage
VPOL=25V (Applied via RPOL=10kΩ)
14
14.75
15.5
V
TSPOL
Switching Speed VPOL=25V (Applied via RPOL=10kΩ)
100
ms
NOTES:
1. The negative bias voltages specified are generated on-chip using an internal oscillator. Two external capacitors, CNB and CSUB, of
47nF are required for this purpose.
2. The characteristics are measured using an external reference resistor RCAL of value 33k wired from pins RCAL to ground.
3. Noise voltage is not measured in production.
4. Noise voltage measurement is made with FETs and gate and drain capacitors in place on all outputs. CG, 4.7nF, are connected between
gate outputs and ground, CD, 10nF, are connected between drain outputs and ground.
5 . These parameters are lneearly related to VCC
6. These parameters are measured using Test Circuit 1
7. These parameters are measured using Test Circuit 2
ZNBG3110
ZNBG3111
4-126


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn