Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZNBG3110 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part No. ZNBG3110
Description  FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETEX [Zetex Semiconductors]
Homepage  http://www.diodes.com/
Logo 

ZNBG3110 Datasheet(HTML) 3 Page - Zetex Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SYMBOL PARAMETER
CONDITIONS
LIMITS
UNITS
MIN.
TYP.
MAX.
GATE CHARACTERISTICS
IGO
Output Current
Range
-30
2000
µA
IDx
VPOL
IGOx
(mA)
(V)
(
µµA)
VG1O
VG1L
VG1H
Output Voltage
Gate 1
Off
Low
High
ID1=0
VPOL=14
IGO1=-10
ID1=12 VPOL=15.5 IGO1=-10
ID1=8
VPOL=15.5 IGO1=0
-2.7
-2.7
0.4
-2.4
-2.4
0.75
-2.0
-2.0
1.0
V
V
V
VG2O
VG2L
VG2H
Output Voltage
Gate 2
Off
Low
High
ID2=0
VPOL=15.5 IGO2=-10
ID2=12 VPOL=14
IGO2=-10
ID2=8
VPOL=14
IGO2=0
-2.7
-2.7
0.4
-2.4
-2.4
0.75
-2.0
-2.0
1.0
V
V
V
VG3L
VG3H
Output Voltage
Gate 3
Low
High
ID3=12
IGO3=-10
ID3=8
IGO3=0
-3.5
0.4
-2.9
0.75
-2.0
1.0
V
V
DRAIN CHARACTERISTICS
ID
Current
8
10
12
mA
IDV
IDT
Current Change
with VCC
with Tj
VCC= 5 to 10V
Tj=-40 to +70°C
0.2
0.05
%/V
%/°C
VD1
Drain 1 Voltage:
High
ZNBG3110
ZNBG3111
ID1=10mA, VPOL=15.5V
ID1=10mA, VPOL=15.5V
2.0
1.8
2.2
2.0
2.4
2.2
V
V
VD2
Drain 2 Voltage:
High
ZNBG3110
ZNBG3111
ID2=10mA, VPOL=14V
ID2=10mA, VPOL=14V
2.0
1.8
2.2
2.0
2.4
2.2
V
V
VD3
Drain 3 Voltage:
High
ZNBG3110
ZNBG3111
ID3=10mA, VPOL=15.5V
ID3=10mA, VPOL=15.5V
2.0
1.8
2.2
2.0
2.4
2.2
V
V
VDV
VDT
Voltage Change
with VCC
with Tj
VCC= 5 to 10V
Tj=-40 to +70°C
0.5
50
%/V
ppm
IL1
IL2
Leakage Current
Drain 1
Drain 2
VD1=0.1V, VPOL=14V
VD2=0.1V, VPOL=15.5V
10
10
µA
µA
ZNBG3110
ZNBG3111
4-125


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn