Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZNBG3011 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZNBG3011
Description  FET BIAS CONTROLLER AND POLARITY SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZNBG3011 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZNBG3011 Datasheet HTML 1Page - Zetex Semiconductors ZNBG3011 Datasheet HTML 2Page - Zetex Semiconductors ZNBG3011 Datasheet HTML 3Page - Zetex Semiconductors ZNBG3011 Datasheet HTML 4Page - Zetex Semiconductors ZNBG3011 Datasheet HTML 5Page - Zetex Semiconductors ZNBG3011 Datasheet HTML 6Page - Zetex Semiconductors ZNBG3011 Datasheet HTML 7Page - Zetex Semiconductors ZNBG3011 Datasheet HTML 8Page - Zetex Semiconductors ZNBG3011 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
-0.6V to 12V
Supply Current
100mA
Input Voltage (VPOL)
25V Continuous
Drain Current (per FET)
0 to 15mA
(set by RCAL)
Operating Temperature
-40 to 70°C
Storage Temperature
-50 to 85°C
Power Dissipation (Tamb
== 25°C)
QSOP16
500mW
ELECTRICAL CHARACTERISTICS TEST CONDITIONS
(Unless otherwise stated):Tamb== 25°C,VCC=5V,ID=10mA (RCAL=33kΩ
Ω)
SYMBOL PARAMETER
CONDITIONS
LIMITS
UNITS
MIN.
TYP.
MAX.
VCC
Supply Voltage
5
10
V
ICC
Supply Current
ID1 to ID3=0
ID2 and ID3=10mA, VPOL=14V
ID1 and ID3=10mA, VPOL=15.5V
10
30
30
mA
mA
mA
VSUB
Substrate Voltage
(Internally generated)
ISUB=0
ISUB=-200µA
-3.5
-3.0
-2
-2
V
V
END
ENG
Output Noise
Drain Voltage
Gate Voltage
CG=4.7nF, CD=10nF
CG=4.7nF, CD=10nF
0.02
0.005
Vpkpk
Vpkpk
fO
Oscillator Frequency
200
350
800
kHz
GATE CHARACTERISTICS
IGO
Output Current Range
-30
2000
µA
IDx
VPOL
IGOx
(mA)
(V)
(
µµA)
VG1O
VG1L
VG1H
Output Voltage
Gate 1
Off
Low
High
ID1=0
VPOL=14
IGO1=-10
ID1=12 VPOL=15.5 IGO1=-10
ID1=8
VPOL=15.5 IGO1=0
-3.5
-3.5
0.4
-2.9
-2.9
0.75
-2.0
-2.0
1.0
V
V
V
VG2O
VG2L
VG2H
Output Voltage
Gate 2
Off
Low
High
ID2=0
VPOL=15.5 IGO2=-10
ID2=12 VPOL=14
IGO2=-10
ID2=8
VPOL=14
IGO2=0
-3.5
-3.5
0.4
-2.9
-2.9
0.75
-2.0
-2.0
1.0
V
V
V
VG3L
VG3H
Output Voltage
Gate 3
Low
High
ID3=12
IGO3=-10
ID3=8
IGO3=0
-3.5
0.4
-2.9
0.75
-2.0
1.0
V
V
ZNBG3010
ZNBG3011
4-115


Similar Part No. - ZNBG3011

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZNBG3011 DIODES-ZNBG3011 Datasheet
388Kb / 10P
   FET BIAS CONTROLLER AND POLARITY SWITCH
More results

Similar Description - ZNBG3011

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZNBG3010 DIODES-ZNBG3010 Datasheet
388Kb / 10P
   FET BIAS CONTROLLER AND POLARITY SWITCH
logo
Zetex Semiconductors
ZNBG3115 ZETEX-ZNBG3115 Datasheet
1Mb / 14P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3110 ZETEX-ZNBG3110 Datasheet
657Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3115 ZETEX-ZNBG3115_06 Datasheet
606Kb / 15P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Unisonic Technologies
UTCL8115 UTC-UTCL8115 Datasheet
174Kb / 13P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Zetex Semiconductors
ZNBG3113 ZETEX-ZNBG3113 Datasheet
684Kb / 17P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3210 ZETEX-ZNBG3210 Datasheet
387Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Diodes Incorporated
ZNBG3000 DIODES-ZNBG3000 Datasheet
216Kb / 9P
   FET BIAS CONTROLLER
logo
Aimtron Technology
AT1504 AIMTRON-AT1504 Datasheet
237Kb / 6P
   FET BIAS CONTROLLER
AT1506 AIMTRON-AT1506 Datasheet
237Kb / 6P
   FET BIAS CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com