Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ZNBG3010 Datasheet(PDF) 4 Page - Zetex Semiconductors

Part No. ZNBG3010
Description  FET BIAS CONTROLLER AND POLARITY SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETEX [Zetex Semiconductors]
Homepage  http://www.diodes.com/
Logo 

ZNBG3010 Datasheet(HTML) 4 Page - Zetex Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
JFET Drain Current v Rcal
020
40
60
100
0
2
4
6
8
10
Rcal (k)
80
12
14
16
JFET Drain Voltage v Drain Current
24
6
8
16
2.0
2.1
2.2
Drain Current (mA)
10
2.3
2.4
12
14
Vsub v External Load
0
0.2
0.4
0.6
1.0
-3.0
-2.5
-2.0
-1.5
-1.0
External Vsub Load (mA)
0.8
-0.5
0.0
TYPICAL CHARACTERISTICS
Vcc = 5V
Vcc = 5V
6V
8V
10V
Vcc = 5V
6V
8V
10V
Note:- Operation with loads > 200µA
is not guaranteed.
ZNBG3010
ZNBG3011
4-117


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn