Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZNBG3010 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part No. ZNBG3010
Description  FET BIAS CONTROLLER AND POLARITY SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETEX [Zetex Semiconductors]
Homepage  http://www.diodes.com/
Logo 

ZNBG3010 Datasheet(HTML) 3 Page - Zetex Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SYMBOL PARAMETER
CONDITIONS
LIMITS
UNITS
MIN.
TYP.
MAX.
DRAIN CHARACTERISTICS
ID
Current
8
10
12
mA
IDV
IDT
Current Change
with VCC
with Tj
VCC= 5 to 10V
Tj=-40 to +70°C
0.2
0.05
%/V
%/°C
VD1
Drain 1 Voltage:High
ZNBG3010
ZNBG3011
ID1=10mA, VPOL=15.5V
ID1=10mA, VPOL=15.5V
2.0
1.8
2.2
2.0
2.4
2.2
V
V
VD2
Drain 2 Voltage:High
ZNBG3010
ZNBG3011
ID2=10mA, VPOL=14V
ID2=10mA, VPOL=14V
2.0
1.8
2.2
2.0
2.4
2.2
V
V
VD3
Drain 3 Voltage:High
ZNBG3010
ZNBG3011
ID3=10mA, VPOL=15.5V
ID3=10mA, VPOL=15.5V
2.0
1.8
2.2
2.0
2.4
2.2
V
V
VDV
VDT
Voltage Change
with VCC
with Tj
VCC= 5 to 10V
Tj=-40 to +70°C
0.5
50
%/V
ppm
IL1
IL2
Leakage Current
Drain 1
Drain 2
VD1=0.1V, VPOL=14V
VD2=0.1V, VPOL=15.5V
10
10
µA
µA
POLARITY SWITCH CHARACTERISTICS
IPOL
Input Current
VPOL=25V
(Applied via RPOL=10kΩ
10
20
40
µA
VTPOL
Threshold Voltage
(Applied via RPOL=10kΩ
14
14.75
15.5
V
TSPOL
Switching Speed
100
µs
Notes:
1. The negative bias voltages specified are generated on-chip using an internal oscillator. Two external
capacitors, CNB and CSUB, of 47nF are required for this purpose.
2. The characteristics are measured using an external reference resistor RCAL of value 33k wired from
pins RCAL to ground.
3. Noise voltage is not measured in production.
4. Noise voltage measurement is made with FETs and gate and drain capacitors in place on all
outputs. CG, 4.7nF, are connected between gate outputs and ground, CD, 10nF, are connected
between drain outputs and ground.
ZNBG3010
ZNBG3011
4-116


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn