Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7626 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7626
Description  16-Bit, 10 MSPS, PulSAR Differential ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7626 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7626_10 Datasheet HTML 7Page - Analog Devices AD7626_10 Datasheet HTML 8Page - Analog Devices AD7626_10 Datasheet HTML 9Page - Analog Devices AD7626_10 Datasheet HTML 10Page - Analog Devices AD7626_10 Datasheet HTML 11Page - Analog Devices AD7626_10 Datasheet HTML 12Page - Analog Devices AD7626_10 Datasheet HTML 13Page - Analog Devices AD7626_10 Datasheet HTML 14Page - Analog Devices AD7626_10 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD7626
Rev. A | Page 11 of
0
–20
–40
–60
SECOND
HARMONIC
THIRD
HARMONIC
–80
–100
–120
–140
–160
–180
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
FREQUENCY (MHz)
INPUT FREQUENCY = 5.00656128MHz
–0.5dB INPUT AMPLITUDE
SNR = 86.7dBFS
SINAD = 83.2dBFS
THD = –85.3dB
SFDR = 86.1dB
64k SAMPLES
FOURTH
HARMONIC
FIFTH
HARMONIC
Figure 11. FFT, 5 MHz, −0.5 dB Input Tone, Wide View
0
–20
–40
–60
FUNDAMENTAL
–80
–100
–120
–140
–160
–180
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
FREQUENCY (MHz)
INPUT FREQUENCY = 5.00656128MHz
–6dB INPUT AMPLITUDE
SNR = 88.4dBFS
SINAD = 88.0dBFS
THD = –92.4dB
SFDR = 92.8dB
64k SAMPLES
THIRD
HARMONIC
FIFTH
HARMONIC
SECOND
HARMONIC
FOURTH
HARMONIC
Figure 12. FFT, 5 MHz, −6 dB Input Tone, Wide View
–75
–80
–85
–90
–95
–100
–105
–110
–115
–18
0
–15
–12
–9
–6
–3
INPUT AMPLITUDE (dBFS)
1MHz
2MHz
3MHz
5MHz
9.7MHz
Figure 13. THD vs. Input Amplitudes at Input Frequency Tones of
10 kHz to 9.7 MHz
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
4.50
4.55
4.60
4.65
4.70
4.75
4.80
4.85
4.90
4.95
5.00
FREQUENCY (MHz)
INPUT FREQUENCY = 5.00656128MHz
–0.5dB INPUT AMPLITUDE
SNR = 86.7dBFS
SINAD = 83.2dBFS
THD = –85.3dB
SFDR = 86.1dB
64k SAMPLES
FUNDAMENTAL
THIRD
HARMONIC
FIFTH
HARMONIC
Figure 14. FFT, 5 MHz, −0.5 dB Input Tone Zoomed View
0
–20
–40
–60
FUNDAMENTAL
–80
–100
–120
–140
–160
–180
4.50
4.55
4.60
4.65
4.70
4.75
4.80
4.85
4.90
4.95
5.00
FREQUENCY (MHz)
INPUT FREQUENCY = 5.00656128MHz
–6dB INPUT AMPLITUDE
SNR = 88.4dBFS
SINAD = 88.0dBFS
THD = –92.4dB
SFDR = 92.8dB
64k SAMPLES
THIRD
HARMONIC
FIFTH HARMONIC
Figure 15. FFT, 5 MHz, −0.5 dB Input Tone Zoomed View
SNR
THD
–50
–60
–70
–80
–90
–100
–110
10k
10M
100k
1M
INPUT FREQUENCY (Hz)
94
92
90
88
86
84
82
80
Figure 16. THD and SNR vs. Input Frequency (−0.5 dB Input Tone)


Similar Part No. - AD7626_10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7626 AD-AD7626_17 Datasheet
1Mb / 30P
   16-Bit, 10 MSPS, PulSAR Differential ADC
More results

Similar Description - AD7626_10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7626 AD-AD7626_09 Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626_17 Datasheet
1Mb / 30P
   16-Bit, 10 MSPS, PulSAR Differential ADC
AD7625BCPZ AD-AD7625BCPZ Datasheet
673Kb / 24P
   16-Bit, 6 MSPS, PulSAR Differential ADC
REV. A
AD7625 AD-AD7625_17 Datasheet
1,008Kb / 25P
   16-Bit, 6 MSPS, PulSAR Differential ADC
AD7623 AD-AD7623 Datasheet
444Kb / 29P
   16-Bit, 1.33 MSPS PulSAR ADC
AD7960 AD-AD7960 Datasheet
814Kb / 24P
   18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626 Datasheet
159Kb / 11P
   16-Bit, 10MSPS PulSAR Differential ADC
Rev. PrC
AD7625 AD-AD7625 Datasheet
160Kb / 11P
   16-Bit, 6MSPS PulSAR Differential ADC
Rev. PrB
AD7952 AD-AD7952 Datasheet
868Kb / 32P
   14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
AD7903BRQZ AD-AD7903BRQZ Datasheet
1Mb / 29P
   Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com