Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7626 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7626
Description  16-Bit, 10 MSPS, PulSAR Differential ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7626 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7626_10 Datasheet HTML 4Page - Analog Devices AD7626_10 Datasheet HTML 5Page - Analog Devices AD7626_10 Datasheet HTML 6Page - Analog Devices AD7626_10 Datasheet HTML 7Page - Analog Devices AD7626_10 Datasheet HTML 8Page - Analog Devices AD7626_10 Datasheet HTML 9Page - Analog Devices AD7626_10 Datasheet HTML 10Page - Analog Devices AD7626_10 Datasheet HTML 11Page - Analog Devices AD7626_10 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD7626
Rev. A | Page 8 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VDD1
VDD2
CAP1
REFIN
EN0
EN1
VDD2
CNV–
GND
IN+
IN–
VCM
VDD1
VDD1
VDD2
CLK+
PIN 1
INDICATOR
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
TOP VIEW
(Not to Scale)
AD7626
NOTES
1. CONNECT THE EXPOSED PAD TO THE GROUND
PLANE OF THE PCB USING MULTIPLE VIAS.
Figure 4. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
VDD1
P
Analog 5 V Supply. Decouple the 5 V supply with a 100 nF capacitor.
2
VDD2
P
Analog 2.5 V Supply. Decouple this pin with a 100 nF capacitor. The 2.5 V supply source should
supply this pin first, then be traced to the other VDD2 pins (Pin 7 and Pin 18).
3
CAP1
AO
Connect this pin to a 10 nF capacitor.
4
REFIN
AI/O
Prebuffer Reference Voltage. When using the internal reference, this pin outputs the band gap voltage
and is nominally at 1.2 V. It can be overdriven with an external reference voltage such as the ADR280.
In either internal or external reference mode, a 10 μF capacitor is required. If using an external 4.096 V
reference (connected to REF), this pin is a no connect and does not require any capacitor.
5, 6
EN0, EN1
DI
Enable. Operates from 2.5 V logic. The logic levels of these pins set the operation of the device as
follows:
EN1 = 0, EN0 = 0: power-down mode.
EN1 = 0, EN0 = 1: external 1.2 V reference applied to the REFIN pin required.
EN1 = 1, EN0 = 0: external 4.096 V reference applied to the REF pin required.
EN1 = 1, EN0 = 1: internal reference and internal reference buffer in use.
7
VDD2
P
Digital 2.5 V Supply. Decouple this pin with a 100 nF capacitor.
8, 9
CNV−, CNV+
DI
Convert Input. These pins act as the conversion control pin. On the rising edge of these pins, the
analog inputs are sampled and a conversion cycle is initiated. CNV+ works as a CMOS input when
CNV− is grounded; otherwise, CNV+ and CNV− are differential LVDS inputs.
10, 11
D−, D+
DO
LVDS Data Outputs. The conversion data is output serially on these pins.
12
VIO
P
Input/Output Interface Supply. Use a 2.5 V supply and decouple this pin with a 100 nF capacitor.
13
GND
P
Ground. Return path for the 100 nF capacitor connected to Pin 12.
14, 15
DCO−, DCO+
DO
LVDS Buffered Clock Outputs. When DCO+ is grounded, the self-clocked interface mode is selected.
In this mode, the 16-bit results on D are preceded by an initial 0 (which is output at the end of the
previous conversion), followed by a 2-bit header (10) to allow synchronization of the data by the
digital host with extra logic. The 1 in this header provides the reference to acquire the subsequent
conversion result correctly. When DCO+ is not grounded, the echoed-clock interface mode is
selected. In this mode, DCO± is a copy of CLK±. The data bits are output on the falling edge of DCO+
and can be captured in the digital host on the next rising edge of DCO+.
16, 17
CLK−, CLK+
DI
LVDS Clock Inputs. This clock shifts out the conversion results on the falling edge of CLK+.
18
VDD2
P
Analog 2.5 V Supply. Decouple this pin with a 100 nF capacitor.
19, 20
VDD1
P
Analog 5 V Supply. Isolate these pins from Pin 1 with a ferrite bead and decouple them with a 100 nF
capacitor.
21
VCM
AO
Common-Mode Output. When using any reference scheme, this pin produces one-half the voltage
present on the REF pin, which can be useful for driving the common mode of the input amplifiers.
22
IN−
AI
Differential Negative Analog Input. Referenced to and must be driven 180° out of phase with IN+.


Similar Part No. - AD7626_10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7626 AD-AD7626_17 Datasheet
1Mb / 30P
   16-Bit, 10 MSPS, PulSAR Differential ADC
More results

Similar Description - AD7626_10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7626 AD-AD7626_09 Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626_17 Datasheet
1Mb / 30P
   16-Bit, 10 MSPS, PulSAR Differential ADC
AD7625BCPZ AD-AD7625BCPZ Datasheet
673Kb / 24P
   16-Bit, 6 MSPS, PulSAR Differential ADC
REV. A
AD7625 AD-AD7625_17 Datasheet
1,008Kb / 25P
   16-Bit, 6 MSPS, PulSAR Differential ADC
AD7623 AD-AD7623 Datasheet
444Kb / 29P
   16-Bit, 1.33 MSPS PulSAR ADC
AD7960 AD-AD7960 Datasheet
814Kb / 24P
   18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626 Datasheet
159Kb / 11P
   16-Bit, 10MSPS PulSAR Differential ADC
Rev. PrC
AD7625 AD-AD7625 Datasheet
160Kb / 11P
   16-Bit, 6MSPS PulSAR Differential ADC
Rev. PrB
AD7952 AD-AD7952 Datasheet
868Kb / 32P
   14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
AD7903BRQZ AD-AD7903BRQZ Datasheet
1Mb / 29P
   Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com