Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7231CDW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7231CDW
Description  HIGH SPEED, TRIPLE DIGITAL ISOLATORS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7231CDW Datasheet(HTML) 5 Page - Texas Instruments

  ISO7231CDW Datasheet HTML 1Page - Texas Instruments ISO7231CDW Datasheet HTML 2Page - Texas Instruments ISO7231CDW Datasheet HTML 3Page - Texas Instruments ISO7231CDW Datasheet HTML 4Page - Texas Instruments ISO7231CDW Datasheet HTML 5Page - Texas Instruments ISO7231CDW Datasheet HTML 6Page - Texas Instruments ISO7231CDW Datasheet HTML 7Page - Texas Instruments ISO7231CDW Datasheet HTML 8Page - Texas Instruments ISO7231CDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
ISO7230C, ISO7230M
ISO7231C, ISO7231M
www.ti.com
SLLS867H – SEPTEMBER 2007 – REVISED DECEMBER 2009
SWITCHING CHARACTERISTICS: VCC1 and VCC2 at 5-V OPERATION
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay
18
42
ISO723xC
See Figure 1
ns
PWD
Pulse-width distortion(1) |tPHL – tPLH|
2.5
tPLH, tPHL
Propagation delay
10
23
ISO723xM
ns
PWD
Pulse-width distortion(1) |tPHL – tPLH|
1
2
ISO723xC
8
tsk(pp)
Part-to-part skew (2)
ns
ISO723xM
0
3
ISO723xC
0
2
tsk(o)
Channel-to-channel output skew (3)
ns
ISO723xM
0
1
tr
Output signal rise time
2
See Figure 1
ns
tf
Output signal fall time
2
tPHZ
Propagation delay, high-level-to-high-impedance output
15
20
tPZH
Propagation delay, high-impedance-to-high-level output
15
20
See Figure 2
ns
tPLZ
Propagation delay, low-level-to-high-impedance output
15
20
tPZL
Propagation delay, high-impedance-to-low-level output
15
20
tfs
Failsafe output delay time from input power loss
See Figure 3
12
μs
150 Mbps PRBS NRZ data input,
tjit(pp)
Peak-to-peak eye-pattern jitter
ISO723xM
Same polarity inputon all channels,
1
ns
See Figure 5
(1)
Also referred to as pulse skew.
(2)
tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
(3)
tsk(o) is the skew between specified outputs of a single device with all driving inputs connected together and the outputs switching in the
same direction while driving identical specified loads.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ISO7230C, ISO7230M ISO7231C, ISO7231M


Similar Part No. - ISO7231CDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7231CDW TI-ISO7231CDW Datasheet
744Kb / 23P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7231CDWG4 TI-ISO7231CDWG4 Datasheet
744Kb / 23P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7231CDWR TI-ISO7231CDWR Datasheet
744Kb / 23P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7231CDWR TI-ISO7231CDWR Datasheet
1Mb / 30P
[Old version datasheet]   LAUNCHXL-F28379D Overview
2016-2019
ISO7231CDWRG4 TI-ISO7231CDWRG4 Datasheet
744Kb / 23P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
More results

Similar Description - ISO7231CDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7231C-Q1 TI1-ISO7231C-Q1 Datasheet
804Kb / 23P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7230C-Q1 TI-ISO7230C-Q1_15 Datasheet
968Kb / 24P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7230C TI-ISO7230C Datasheet
744Kb / 23P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0931-500E AVAGO-HCPL-0931-500E Datasheet
357Kb / 14P
   High Speed Digital Isolators
logo
Texas Instruments
ISO7730 TI1-ISO7730_16 Datasheet
1Mb / 37P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
logo
Agilent(Hewlett-Packard...
HCPL9000 HP-HCPL9000 Datasheet
449Kb / 12P
   High Speed Digital Isolators
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-090J-000E AVAGO-HCPL-090J-000E Datasheet
357Kb / 14P
   High Speed Digital Isolators
HCPL-0930-000E AVAGO-HCPL-0930-000E Datasheet
319Kb / 14P
   High Speed Digital Isolators
logo
Texas Instruments
ISO7730 TI1-ISO7730_17 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7730-Q1 TI1-ISO7730-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com